전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3445MX 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM3445MX
상세설명  Triac Dimmable Offline LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3445MX 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3445MX Datasheet HTML 3Page - Texas Instruments LM3445MX Datasheet HTML 4Page - Texas Instruments LM3445MX Datasheet HTML 5Page - Texas Instruments LM3445MX Datasheet HTML 6Page - Texas Instruments LM3445MX Datasheet HTML 7Page - Texas Instruments LM3445MX Datasheet HTML 8Page - Texas Instruments LM3445MX Datasheet HTML 9Page - Texas Instruments LM3445MX Datasheet HTML 10Page - Texas Instruments LM3445MX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
BRIGHT
DIM
MAINS AC
R1
250 kÖ
DIAC
LOAD
R2
3.3 kÖ
C1
100 nF
TRIAC
LM3445
7.2V
VCC UVLO
S
R
Q
PWM
I-LIM
1.27V
ISNS
ASNS
COFF
MOSFET
DRIVER
GND
FLTR1
FLTR2
DIM
VCC
ANGLE DETECT
BLEEDER
DIM DECODER
1.276V
4.9V
RAMP
0V to 4V
THERMAL
SHUTDOWN
50k
370k
1k
RAMP GEN.
5.9 kHz
3V
1V
INTERNAL
REGULATORS
750 mV
33:
125 ns
LEADING EDGE BLANKING
Tri-State
COFF
LATCH
CONTROLLER
START
4 Ps
BLDR
230
GATE
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
SIMPLIFIED INTERNAL BLOCK DIAGRAM
Figure 11. Simplified Block Diagram
APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
The LM3445 contains all the necessary circuitry to build a line-powered (mains powered) constant current LED
driver whose output current can be controlled with a conventional triac dimmer.
OVERVIEW OF PHASE CONTROL DIMMING
A basic "phase controlled" triac dimmer circuit is shown in Figure 12.
Figure 12. Basic Triac Dimmer
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3445


유사한 부품 번호 - LM3445MX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3445MX NSC-LM3445MX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MX TI1-LM3445MX Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445MX/NOPB TI1-LM3445MX/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
More results

유사한 설명 - LM3445MX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com