전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8915 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF8915
상세설명  Dual SO-8 MOSFET for POL converters in desktop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8915 데이터시트(HTML) 5 Page - International Rectifier

  IRF8915 Datasheet HTML 1Page - International Rectifier IRF8915 Datasheet HTML 2Page - International Rectifier IRF8915 Datasheet HTML 3Page - International Rectifier IRF8915 Datasheet HTML 4Page - International Rectifier IRF8915 Datasheet HTML 5Page - International Rectifier IRF8915 Datasheet HTML 6Page - International Rectifier IRF8915 Datasheet HTML 7Page - International Rectifier IRF8915 Datasheet HTML 8Page - International Rectifier IRF8915 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF8915
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
1
2
3
4
5
6
7
8
9
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
3.68799
0.000349
2.18971
0.005246
34.7298
0.470610
21.8971
13.52000


유사한 부품 번호 - IRF8915

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8915 IRF-IRF8915 Datasheet
215Kb / 10P
   HEXFETPower MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
188Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_08 Datasheet
291Kb / 10P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF8915

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GPBF IRF-IRF8910GPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL Halogen-Free
IRF9910PBF IRF-IRF9910PBF_08 Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
logo
Diodes Incorporated
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com