전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22678TJE-ADJ 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM22678TJE-ADJ
상세설명  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678TJE-ADJ 데이터시트(HTML) 1 Page - Texas Instruments

  LM22678TJE-ADJ Datasheet HTML 1Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 2Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 3Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 4Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 5Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 6Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 7Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 8Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM22678-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
LM22678
www.ti.com
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER® Step-Down Voltage Regulator with
Features
Check for Samples: LM22678
1
FEATURES
DESCRIPTION
The LM22678 switching regulator provides all of the
23
Wide Input Voltage Range: 4.5V to 42V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates
a
42V
N-channel
MOSFET
switch
100 m
Ω N-Channel MOSFET
capable of providing up to 5A of load current.
Output Voltage Options:
Excellent line and load regulation along with high
-ADJ (Outputs as Low as 1.285V)
efficiency (>90%) are featured. Voltage mode control
offers short minimum on-time, allowing the widest
-5.0 (Output Fixed to 5V)
ratio between input and output voltages. Internal loop
±1.5% Feedback Reference Accuracy
compensation means that the user is free from the
Switching Frequency of 500 kHz
tedious task of calculating the loop compensation
components. Fixed 5V output and adjustable output
-40°C to 125°C Operating Junction
voltage options are available. A switching frequency
Temperature Range
of 500 kHz allows for small external components and
Precision Enable Pin
good transient response. A precision enable input
Integrated Boot-Strap Diode
allows simplification of regulator control and system
power sequencing. In shutdown mode the regulator
Integrated Soft-Start
draws only 25 µA (typ.). Built in soft-start (500µs, typ)
Fully WEBENCH® enabled
saves external components. The LM22678 also has
LM22678Q is an Automotive Grade Product
built in thermal shutdown, and current limiting to
that is AEC-Q100 Grade 1 Qualified (-40°C to
protect against accidental overloads.
+125°C Operating Junction Temperature)
The LM22678 is a member of Texas Instruments'
PFM (Exposed Pad) Package
SIMPLE
SWITCHER®
family.
The
SIMPLE
SWITCHER concept provides for an easy to use
APPLICATIONS
complete design using a minimum number of external
components and the TI WEBENCH design tool. TI's
Industrial Control
WEBENCH tool includes features such as external
Telecom and Datacom Systems
component calculation, electrical simulation, thermal
Embedded Systems
simulation, and Build-It boards for easy design-in.
Conversions from Standard 24V, 12V and 5V
Input Rails
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM22678TJE-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678TJE-ADJ/NOPB TI-LM22678TJE-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

유사한 설명 - LM22678TJE-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com