전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS51111 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 TS51111
상세설명  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TS51111 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS51111 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
- 6 -
TS51111
Version 2.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
FUNCTIONAL BLOCK DIAGRAM
PACKP
VAC1
COUT
CS
VAC2
~
~
+
-
PACKN
Synchronous
Rectifier
MOD1
CIN
CCORE
CB1
BST1
BST2
CB2
VCORE
REG
PreDrive
EN_MOD
OVP
Detect
MOD2
EN_SW
AGND
UART
TxD
RxD
EN_PRE
AMUX
PGND
PACK-
PACK-
VCORE
A2D
Rs
TS51111
PreDrive
VREF
CREF
VREF
CR
PACK-
PACK+
Digital
Control
SCL
SDA
PACKP_DIV
PDC_DIV
IBSENSE
VAC_DET
IOSENSE
IBSENSE
A
EN_THERM
VREF
THERM
IOSENSE
A
PACKPSNS
TEMP
Figure 1: TS51111 Block Diagram


유사한 부품 번호 - TS51111

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111-M22QFNR SEMTECH-TS51111-M22QFNR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

유사한 설명 - TS51111

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
logo
List of Unclassifed Man...
XKT-412 ETC-XKT-412 Datasheet
910Kb / 9P
   Wireless Power Transfer/Charging
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com