전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS51111 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 TS51111
상세설명  High Efficiency Receiver Controller for Wireless Power Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TS51111 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  TS51111 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
TS81000
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
APPLICATION SCHEMATIC
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
1
681 N. Plano Road
Suite 121
Richardson, Texas 75081
1
TS51111 EVM 5V output
0.1
6/4/2013
8:50:48 PM
Title
Size:
Number:
Date:
Revision:
Sheet
of
Time:
Letter
QFN package
Triune Systems Proprietary and Confidential Information
Do not distribute or copy.
AC
1
AC
2
COIL
J2
1uF
6.3V
C16
100nF
50V
C1
100nF
50V
C12
10uF
25V
C3
GND
22nF
50V
C10
22nF
50V
C6
VCORE
1.8nF
50V
C8
100nF
10V
C17
10uF
6.3V
C13
0.020
R2
GND
10uF
6.3V
C14
GND
+
1
-
2
Out
J1
5.6V
D2
PDC
TP7
PDC
EN_MOD
VACDET
SDA
SCL
AMUX
TP8
AMUX
PACKP
VAC1
VAC2
PACKS
AGND
AGND
GND
100pF
50V
C7
10uF
25V
C4
10nF
10V
C15
GND
GND
GND
AGND
VCORE
SCL
EN_MOD
SDA
VACDET
RESET
DEBUG
AGND
10K
R4
2nF
10V
C18
VCORE
RESET
SCL
SDA
DEBUG
AGND
MOD2
35
MOD1
34
AGND
33
AMUX
30
SCL
27
EN_MOD
1
USB
36
PACKN
32
VREF
29
SDA
26
PACKS
4
TXD
2
UART
31
THERM
25
VCORE
24
PACKP
6
RXD
3
OVP
21
BST1
23
PDC
7
PDC
13
PDC
14
BST2
22
VAC1
8
VAC1
11
VAC2
15
VAC2
16
VAC2
20
PGND
17
PGND
10
PGND
18
PAD
37
VACDET
19
PACKP_K
5
PGND
9
VAC1
12
NC
28
U1
TS51111_QFN36
VREF
NP
D1
150
R5
D5
AMUX
AGND
LEDG
LEDR
TP9
USB
10uF
25V
C5
47nF 50V
C2
68nF 50V
C9
68nF 50V
C11
GND
LEDG
LEDR
TP1
TP2
TP3
TP4
TP5
TP6
TP10
VAC1
VREF
USB
100
R1
GND
VAC1
VAC2
10K (NP)
R3
D3
BAT54CW (NP)
5.1V (NP)
D4
GND
VCORE
NRST
1
GPIO1
2
GPIO2
3
VSS
4
LDO
5
VDD
6
GPIO3
7
GPIO5
8
GPIO4
9
VACDET
10
VREF
11
SCL
12
SDA
13
EN_MOD
14
DEBUG
15
GPIO6
16
AMUX
17
EN_LOAD
18
GPIO7
19
LED
20
U2
TS81000-QFN
1uF
6.3V
C19
Figure 1: TS81000 Application Schematic


유사한 부품 번호 - TS51111

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 ETC2-TS51111 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51111 ETC2-TS51111 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111-M22QFNR SEMTECH-TS51111-M22QFNR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

유사한 설명 - TS51111

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com