전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT273DB 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HCT273DB
상세설명  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT273DB 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT273DB Datasheet HTML 4Page - NXP Semiconductors 74HCT273DB Datasheet HTML 5Page - NXP Semiconductors 74HCT273DB Datasheet HTML 6Page - NXP Semiconductors 74HCT273DB Datasheet HTML 7Page - NXP Semiconductors 74HCT273DB Datasheet HTML 8Page - NXP Semiconductors 74HCT273DB Datasheet HTML 9Page - NXP Semiconductors 74HCT273DB Datasheet HTML 10Page - NXP Semiconductors 74HCT273DB Datasheet HTML 11Page - NXP Semiconductors 74HCT273DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
8 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 8
VCC = 2.0 V
-
44
150
-
185
-
225
ns
VCC = 4.5 V
-
16
30
-
37
-
45
ns
VCC = 5.0 V; CL =15pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
31
-
38
ns
tt
transition time
Qn output; see Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
15
-
19
ns
tW
pulse width
CP input HIGH or LOW;
see Figure 7
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
MR input LOW;
see Figure 8
VCC = 2.0 V
60
17
-
75
-
90
-
ns
VCC = 4.5 V
12
6
-
15
-
18
-
ns
VCC = 6.0 V
10
5
-
13
-
15
-
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 2.0 V
50
6
-
65
-
75
-
ns
VCC = 4.5 V
10
2
-
13
-
15
-
ns
VCC = 6.0 V
9
2-
11
-
13
-
ns
tsu
set-up time
Dn to CP; see Figure 9
VCC = 2.0 V
60
11
-
75
-
90
-
ns
VCC = 4.5 V
12
4
-
15
-
18
-
ns
VCC = 6.0 V
10
3
-
13
-
15
-
ns
th
hold time
Dn to CP; see Figure 9
VCC = 2.0 V
3
6-
3
-
3
-
ns
VCC = 4.5 V
3
2-
3
-
3
-
ns
VCC = 6.0 V
3
2-
3
-
3
-
ns
fmax
maximum
frequency
CP input; see Figure 7
VCC = 2.0 V
6
20.6
-
4.8
-
4
-
MHz
VCC = 4.5 V
30
103
-
24
-
20
-
MHz
VCC = 5.0 V; CL =15pF
-
66
-
-
-
-
-
MHz
VCC = 6.0 V
35
122
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC
[3]
-20-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 10
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


유사한 부품 번호 - 74HCT273DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT273DB PHILIPS-74HCT273DB Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
More results

유사한 설명 - 74HCT273DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com