전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6287F 데이터시트(PDF) 10 Page - Rohm

부품명 BA6287F
상세설명  1.0A Reversible Motor Drivers (Single Motor)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6287F 데이터시트(HTML) 10 Page - Rohm

Back Button BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm BA6287F Datasheet HTML 10Page - Rohm BA6287F Datasheet HTML 11Page - Rohm BA6287F Datasheet HTML 12Page - Rohm BA6287F Datasheet HTML 13Page - Rohm BA6287F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Block diagram and pin configuration
BA6920FP-Y
Fig.33
BA6920FP-Y
Table 5
BA6920FP-Y
Pin
Name
Function
1
NC
NC
2
NC
NC
3
NC
NC
4
NC
NC
5
OUT2
Driver output
6
RNF
Power ground
7
NC
NC
8
GND
GND
9
OUT1
Driver output
10
NC
NC
11
NC
NC
12
NC
NC
13
NC
NC
14
NC
NC
15
NC
NC
16
VM
Power supply (driver stage)
17
VCC
Power supply (small signal)
18
FIN
Control input (forward)
19
PS
Power save enable pin
20
RIN
Control input (reverse)
21
VREF
Reference voltage setting pin
22
NC
NC
23
NC
NC
24
NC
NC
25
NC
NC
FIN
GND
GND
C2
C1
R1
M
C3
17
16
9
18
20
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
6
RNF
19
POWER
SAVE
8
FIN
GND
5
OUT2
21
VREF
R2
R3
Fig.34
BA6920FP-Y (HSOP25)
NC
NC
GND
NC
NC
OUT2
RNF
NC
GND
OUT1
NC
NC
NC
NC
NC
NC
GND
NC
NC
VREF
RIN
PS
FIN
VCC
VM
NC
NC


유사한 부품 번호 - BA6287F

제조업체부품명데이터시트상세설명
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
78Kb / 6P
   Reversible motor driver
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6287F ROHM-BA6287F Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

유사한 설명 - BA6287F

제조업체부품명데이터시트상세설명
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com