전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BR24L01AFV-WE2 데이터시트(PDF) 26 Page - Rohm

부품명 BR24L01AFV-WE2
상세설명  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BR24L01AFV-WE2 데이터시트(HTML) 26 Page - Rohm

Back Button BR24L01AFV-WE2 Datasheet HTML 22Page - Rohm BR24L01AFV-WE2 Datasheet HTML 23Page - Rohm BR24L01AFV-WE2 Datasheet HTML 24Page - Rohm BR24L01AFV-WE2 Datasheet HTML 25Page - Rohm BR24L01AFV-WE2 Datasheet HTML 26Page - Rohm BR24L01AFV-WE2 Datasheet HTML 27Page - Rohm BR24L01AFV-WE2 Datasheet HTML 28Page - Rohm BR24L01AFV-WE2 Datasheet HTML 29Page - Rohm BR24L01AFV-WE2 Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Technical Note
26/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
●Characteristic data (The following values are Typ. ones.)
0
1
2
3
4
5
01
23
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.24 BUS open time before transmission tBUF
0
1
2
3
4
5
6
0123456
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.25 Internal writing cycle time tWR
0
0.2
0.4
0.6
0.8
1
012
3456
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.26 Noise reduction efection time tl(SCL H)
Fig.27 Noise reduction efective time tl(SCL L)
0
0.1
0.2
0.3
0.4
0.5
0.6
012
3456
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.28 Noise resuction efecctive time t(SDA H)
0
0.1
0.2
0.3
0.4
0.5
0.6
02
46
SUPPLY VOLATGE : Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.29 Noise reduction efective time tl(SDA L)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
234
56
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.30 WP setup time tSU : WP
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
01
23
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.31 WP efective time tHIGH : WP
0
0.2
0.4
0.6
0.8
1
1.2
0123456
SUPPLYVOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃


유사한 부품 번호 - BR24L01AFV-WE2

제조업체부품명데이터시트상세설명
logo
Rohm
BR24L01AFV-W ROHM-BR24L01AFV-W Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L01AFV-W ROHM-BR24L01AFV-W Datasheet
315Kb / 6P
   I2C BUS 1Kbit (128 x 8bit) EEPROM
More results

유사한 설명 - BR24L01AFV-WE2

제조업체부품명데이터시트상세설명
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com