전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP68-25 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 BCP68-25
상세설명  NPN medium power transistor 20 V, 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP68-25 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button BCP68-25 Datasheet HTML 4Page - NXP Semiconductors BCP68-25 Datasheet HTML 5Page - NXP Semiconductors BCP68-25 Datasheet HTML 6Page - NXP Semiconductors BCP68-25 Datasheet HTML 7Page - NXP Semiconductors BCP68-25 Datasheet HTML 8Page - NXP Semiconductors BCP68-25 Datasheet HTML 9Page - NXP Semiconductors BCP68-25 Datasheet HTML 10Page - NXP Semiconductors BCP68-25 Datasheet HTML 11Page - NXP Semiconductors BCP68-25 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2003 Nov 25
11
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
DATA SHEET STATUS
Notes
1.
Please consult the most recently issued document before initiating or completing a design.
2.
The product status of device(s) described in this document may have changed since this document was published
and may differ in case of multiple devices. The latest product status information is available on the Internet at
URL http://www.nxp.com.
DOCUMENT
STATUS(1)
PRODUCT
STATUS(2)
DEFINITION
Objective data sheet
Development
This document contains data from the objective specification for product
development.
Preliminary data sheet
Qualification
This document contains data from the preliminary specification.
Product data sheet
Production
This document contains the product specification.
DISCLAIMERS
General
⎯ Information in this document is believed to be
accurate and reliable. However, NXP Semiconductors
does not give any representations or warranties,
expressed or implied, as to the accuracy or completeness
of such information and shall have no liability for the
consequences of use of such information.
Right to make changes
⎯ NXP Semiconductors
reserves the right to make changes to information
published in this document, including without limitation
specifications and product descriptions, at any time and
without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.
Suitability for use
⎯ NXP Semiconductors products are
not designed, authorized or warranted to be suitable for
use in medical, military, aircraft, space or life support
equipment, nor in applications where failure or malfunction
of an NXP Semiconductors product can reasonably be
expected to result in personal injury, death or severe
property or environmental damage. NXP Semiconductors
accepts no liability for inclusion and/or use of NXP
Semiconductors products in such equipment or
applications and therefore such inclusion and/or use is at
the customer’s own risk.
Applications
⎯ Applications that are described herein for
any of these products are for illustrative purposes only.
NXP Semiconductors makes no representation or
warranty that such applications will be suitable for the
specified use without further testing or modification.
Limiting values
⎯ Stress above one or more limiting
values (as defined in the Absolute Maximum Ratings
System of IEC 60134) may cause permanent damage to
the device. Limiting values are stress ratings only and
operation of the device at these or any other conditions
above those given in the Characteristics sections of this
document is not implied. Exposure to limiting values for
extended periods may affect device reliability.
Terms and conditions of sale
⎯ NXP Semiconductors
products are sold subject to the general terms and
conditions of commercial sale, as published at
http://www.nxp.com/profile/terms, including those
pertaining to warranty, intellectual property rights
infringement and limitation of liability, unless explicitly
otherwise agreed to in writing by NXP Semiconductors. In
case of any inconsistency or conflict between information
in this document and such terms and conditions, the latter
will prevail.
No offer to sell or license
⎯ Nothing in this document
may be interpreted or construed as an offer to sell products
that is open for acceptance or the grant, conveyance or
implication of any license under any copyrights, patents or
other industrial or intellectual property rights.
Export control
⎯ This document as well as the item(s)
described herein may be subject to export control
regulations. Export might require a prior authorization from
national authorities.
Quick reference data
⎯ The Quick reference data is an
extract of the product data given in the Limiting values and
Characteristics sections of this document, and as such is
not complete, exhaustive or legally binding.


유사한 부품 번호 - BCP68-25

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP68-25 PHILIPS-BCP68-25 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP68-25 ZETEX-BCP68-25 Datasheet
43Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP68-25 SIEMENS-BCP68-25 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP68-25 INFINEON-BCP68-25 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
logo
NXP Semiconductors
BCP68-25 NXP-BCP68-25 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
More results

유사한 설명 - BCP68-25

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BC368 NXP-BC368 Datasheet
143Kb / 9P
   NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
   20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC869 NXP-BC869 Datasheet
177Kb / 11P
   PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Nexperia B.V. All right...
BSR41-Q NEXPERIA-BSR41-Q Datasheet
188Kb / 8P
   60 V, 1 A NPN medium power transistor
9 December 2021
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
   80 V, 1 A NPN medium power transistor
9 December 2021
BSR41 NEXPERIA-BSR41 Datasheet
218Kb / 8P
   60 V, 1 A NPN medium power transistor
1 October 2022
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
   80 V, 1 A NPN medium power transistor
1 October 2022
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com