전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD86113LZ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD86113LZ
상세설명  N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86113LZ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD86113LZ Datasheet HTML 1Page - Fairchild Semiconductor FDD86113LZ Datasheet HTML 2Page - Fairchild Semiconductor FDD86113LZ Datasheet HTML 3Page - Fairchild Semiconductor FDD86113LZ Datasheet HTML 4Page - Fairchild Semiconductor FDD86113LZ Datasheet HTML 5Page - Fairchild Semiconductor FDD86113LZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
June 2013
©2011 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDD86113LZ Rev. C1
FDD86113LZ
N-Channel Shielded Gate PowerTrench® MOSFET
100 V, 5.5 A, 104 m
Ω
Features
Shielded Gate MOSFET Technology
Max rDS(on) = 104 mΩ at VGS = 10 V, ID = 4.2 A
Max rDS(on) = 156 mΩ at VGS = 4.5 V, ID = 3.4 A
HBM ESD protection level > 6 kV typical (Note 4)
High performance trench technology for extremely low rDS(on)
High power and current handling capability in a widely used
surface mount package
100% UIL Tested
RoHS Compliant
General Description
This N-Channel logic Level MOSFETs are produced using
Fairchild Semiconductor‘s advanced PowerTrench® process
that incorporates Shielded Gate technology. This process has
been optimized for the on-state resistance and yet maintain
superior switching performance. G-S zener has been added to
enhance ESD voltage level.
Application
DC-DC conversion
S
G
D
G
S
D
TO -2 52
D-P A K
(T O -25 2)
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
-Continuous
TC = 25 °C
5.5
A
-Continuous
TA = 25 °C
(Note 1a)
4.2
-Pulsed
15
EAS
Single Pulse Avalanche Energy
(Note 3)
12
mJ
PD
Power Dissipation
TC = 25 °C
29
W
Power Dissipation
TA = 25 °C
(Note 1a)
3.1
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
4.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
96
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD86113LZ
FDD86113LZ
D-PAK(TO-252)
13 ’’
12 mm
2500 units


유사한 부품 번호 - FDD86113LZ

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD86113LZ ISC-FDD86113LZ Datasheet
354Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD86113LZ UMW-FDD86113LZ Datasheet
454Kb / 6P
   100V N-Channel MOSFET
More results

유사한 설명 - FDD86113LZ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDD86250 FAIRCHILD-FDD86250 Datasheet
315Kb / 6P
   FDD86250 N-Channel Shielded Gate PowerTrench짰 MOSFET 150 V, 50 A, 22 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com