전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ80A 데이터시트(PDF) 1 Page - AVX Corporation

부품명 SMAJ80A
상세설명  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ80A 데이터시트(HTML) 1 Page - AVX Corporation

  SMAJ80A Datasheet HTML 1Page - AVX Corporation SMAJ80A Datasheet HTML 2Page - AVX Corporation SMAJ80A Datasheet HTML 3Page - AVX Corporation SMAJ80A Datasheet HTML 4Page - AVX Corporation SMAJ80A Datasheet HTML 5Page - AVX Corporation SMAJ80A Datasheet HTML 6Page - AVX Corporation SMAJ80A Datasheet HTML 7Page - AVX Corporation SMAJ80A Datasheet HTML 8Page - AVX Corporation SMAJ80A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SMAJ
Series
SMAJ = 400W
SMBJ = 600W
SMCJ = 1500W
1
Transient Suppression Diodes
For General Purpose Use
GENERAL DESCRIPTION
The SMAJ, SMBJ, and SMCJ Series are a popular format of general purpose
transient voltage suppression diodes. They are based on the low leakage,
high reliability, but low cost glass passivated chip rectifier technology.
FEATURES
• Glass passivated chip
• 400W, 600W and 1500W types (10/1000us)
• Low leakage
• Flat clamping
• Very fast response time
• Halogen Free
• ≤1μA leakage for 12V and up
• Lead-Free Terminations
APPLICATIONS
• Consumer
• Industrial
• Telecom
• Computer
HOW TO ORDER
12
Voltage
WM
5V - 400V
C
Polarity
C = Bi-directional
= Uni-directional
A
Tolerance
A = 5% Volage
Tolerance
MAXIMUM RATINGS
RATING
SYMBOL
SMAJ
SMBJ
SMCJ
UNITS
Peak power dissipation with a 10/1000us waveform
1
P
PPM
400
600
1500
Watts
Peak pulse current with a 10/1000us waveform
1
I
PPM
See tables
Amps
Power dissipation on infinite heat sink at TL = 75ºC
P
D
1.0
5.0
6.5
Watts
Peak forward surge current,8.3ms single half
I
FSM
40
100
200
Amps
sine-wave unidirectional only
2
Operating junction and storage temperature range
T
J
,T
STG
-55 ~ 150
-55 ~ 150
-55 ~ 150
ºC
Typical thermal resistance junction to air
θ
JA
120
100
75
ºC/W
Typical thermal resistance junction to case
θ
JC
30
20
15
ºC/W
NOTES:
1. Non-repetitive current pulse per Fig. 5 and derated above TA = 25ºC per Fig. 1
2. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
SMAJ
SMBJ
SMCJ


유사한 부품 번호 - SMAJ80A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ80A DIODES-SMAJ80A Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Zowie Technology Corpor...
SMAJ80A ZOWIE-SMAJ80A Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ80A SOCAY-SMAJ80A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ80A SOCAY-SMAJ80A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ80A SOCAY-SMAJ80A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ80A

제조업체부품명데이터시트상세설명
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com