전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP2ADN161HL4L 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd.

부품명 DLP2ADN161HL4L
상세설명  Common Mode Choke Coil Film Type (Array)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP2ADN161HL4L 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLP2ADN161HL4L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLP2ADN161HL4L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Film Type (Array)
2012.9.6
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Common Mode Choke Coil Film Type (Array)
DLP2AD Series (0804 Size)
c Dimensions
0.25±0.1
0.5±0.1
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
2.0±0.1
(in mm)
: Electrode
c Equivalent Circuit
(1)
(5)
(6)
(7)
(8)
(2)
(3)
(4)
No polarity.
c Impedance-Frequency Characteristics (Main Items)
DLP2ADA Series
Frequency (MHz)
1000
100
10
1
1
10
100
1000
10000
DLP2ADA900HL4
Common mode
Differential mode
DLP2ADA900HL4
DLP2ADA670HL4
DLP2ADA350HL4
DLP2ADA670HL4
DLP2ADA350HL4
c Impedance-Frequency Characteristics (Main Items)
DLP2ADN Series
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
DLP2ADN281HL4
DLP2ADN281HL4
Differential mode
Common mode
DLP2ADN241HL4
DLP2ADN201HL4
DLP2ADN161HL4
DLP2ADN121HL4
DLP2ADN900HL4
DLP2ADN670HL4
DLP2ADN241HL4
DLP2ADN201HL4
DLP2ADN161HL4
DLP2ADN121HL4
DLP2ADN900HL4
DLP2ADN670HL4
DLP2ADA Series
Frequency (MHz)
0
2
4
6
8
10
10
100
1000
10000
DLP2ADA900HL4
DLP2ADN Series
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP2ADN900HL4
Continued on the following page.
c Differential Mode Transmission Characteristics (Typ.)
c Differential Mode Transmission Characteristics (Typ.)


유사한 부품 번호 - DLP2ADN161HL4L

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLP2ADN161HL4L MURATA-DLP2ADN161HL4L Datasheet
79Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
DLP2ADN161HL4L MURATA-DLP2ADN161HL4L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP2ADN161HL4L MURATA1-DLP2ADN161HL4L Datasheet
372Kb / 3P
   2 components are included in 2.0x1.0mm size
Last updated07/26/2022
More results

유사한 설명 - DLP2ADN161HL4L

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLP0NSN121HL2L MURATA-DLP0NSN121HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type
logo
Murata Manufacturing Co...
DLP11SA350HL2X MURATA1-DLP11SA350HL2X Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
logo
Murata Manufacturing Co...
DLP11SN900HL2L MURATA-DLP11SN900HL2L Datasheet
137Kb / 3P
   Common Mode Choke Coil Film Type
DLP0QS MURATA-DLP0QS Datasheet
77Kb / 2P
   Common Mode Choke Coil Film Type
DLP2ADN161HL4L MURATA-DLP2ADN161HL4L Datasheet
79Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
DLP2ADN900HL4L MURATA-DLP2ADN900HL4L Datasheet
79Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
DLP31DN900ML4L MURATA-DLP31DN900ML4L Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
DLP0NSN900HL2L MURATA-DLP0NSN900HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type DLP0NS Series (03025 Size)
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com