전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7225KRZ-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7225KRZ-REEL
상세설명  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7225KRZ-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7225KRZ-REEL Datasheet HTML 3Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 4Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 5Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 6Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 7Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 8Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 9Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 10Page - Analog Devices AD7225KRZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7225
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD = 15 V, VSS = −5 V, unless otherwise noted.
1.0
–1.0
–0.5
0
0.5
0
32
64
96
128
160
192
224
INPUT CODE
VREFx = 10V
Figure 4. Channel-to-Channel Matching
1.0
–1.0
–0.5
0
0.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VREF (V)
VDD = 5V
VDD = 12V
VDD = 15V
Figure 5. Relative Accuracy vs. VREF
0.50
–0.50
–0.25
0
0.25
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VREF (V)
VDD = 5V
VDD = 12V
VDD = 15V
Figure 6. Differential Nonlinearity vs. VREF
8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
IDD
ISS
Figure 7. Power Supply Current vs. Temperature
5
–5
–4
–3
–2
–1
0
1
2
3
4
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VOUTA
VOUTB
VOUTC
VOUTD
Figure 8. Zero Code Error vs. Temperature
100
90
10
0%
1ms/DIV
300µV
Figure 9. Broadband Noise


유사한 부품 번호 - AD7225KRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

유사한 설명 - AD7225KRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com