전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS3927-023 데이터시트(PDF) 2 Page - Alpha Industries

부품명 SMS3927-023
상세설명  Surface Mount Schottky Quad Mixer Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMS3927-023 데이터시트(HTML) 2 Page - Alpha Industries

  SMS3927-023 Datasheet HTML 1Page - Alpha Industries SMS3927-023 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Schottky Quad Mixer Diodes
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/01A
SPICE Model Parameters (Per Junction)
Parameter
Unit
SMS3928
SMS3926
SMS3927
SMS3931
SMS3929
SMS3930
SMS3940
IS
A
2.5E-07
1.3E-09
9E-13
RS
44
4
N
1.04
1.04
1.04
TT
S
1E–11
1E–11
1E–11
CJ0
pF
0.42
0.39
0.39
M
0.32
0.37
0.42
EG
eV
0.69
0.69
0.69
XTI
2
2
2
FC
0.5
0.5
0.5
BV
V2
3
4
IBV
A
1.00E–05
1.00E–05
1.00E–05
VJ
V
0.495
0.595
0.800
All parameters are based upon a single junction.
Typical Forward Voltage Characteristics at 25°C
Part Number
VF @ 0.01 mA (mV)
VF @ 0.10 mA (mV)
VF @ 1.0 mA (mV)
VF @ 10.0 mA (mV)
Typ.
Typ.
Typ.
Typ.
SMS3926
100
165
232
324
SMS3927
206
271
338
428
SMS3928
423
488
555
641
SOT-143
0.110 (2.80 mm) MIN.
0.120 (3.04 mm) MAX.
0.083 (2.10 mm) MIN.
0.104 (2.64 mm) MAX.
0.012 (0.30 mm) MIN.
0.020 (0.50 mm) MAX.
0.0005 (0.01 mm) MIN.
0.004 (0.15 mm) MAX.
0.031 (0.80 mm) MIN.
0.047 (1.20 mm) MAX.
0.030 (0.76 mm) MIN.
0.035 (0.89 mm) MAX.
0.047 (1.20 mm) MIN.
0.055 (1.40 mm) MAX.
0.003 (0.08 mm) MIN.
0.008 (0.20 mm) MAX.
0.022 (0.55 mm) REF.
8˚ MAX.
0.020 (0.50 mm) REF.
0.028 (0.70 mm) REF.
0.068 (1.72 mm) REF.
0.076 (1.92 mm) REF.
4
3
2
1


유사한 부품 번호 - SMS3927-023

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMS3927-023LF SKYWORKS-SMS3927-023LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

유사한 설명 - SMS3927-023

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202 BOARDCOM-HSMS-8202 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Agilent(Hewlett-Packard...
HSMS-8101 HP-HSMS-8101 Datasheet
110Kb / 5P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Alpha Industries
SMS1546 ALPHA-SMS1546 Datasheet
171Kb / 3P
   Surface Mount Mixer and Detector Schottky Diodes
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com