전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD21892MDPGC103 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 LFD21892MDPGC103
상세설명  Chip Multilayer Diplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD21892MDPGC103 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFD21892MDPGC103 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFD21892MDPGC103 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microwave Components
8
Continued from the preceding page.
LFD21_DPF Series
2.0
±0.15
0.90
±0.1
(1)
(2)
(3)
(5)
(6)
(4)
0.2
±0.15
0.35
±0.1
0.65
±0.05
(∗1) Lower Frequency Port
(∗2) Higher Frequency Port
(∗3) Common Port
(1):
(2)(4)(6):
(3):
(5):
P2(∗1)
GND
P1(∗2)
P3(∗3)
(in mm)
0.3
+0.1
–0.15
A: Directional Input Mark
A
LFD21_DPG Series
2.0
±0.15
0.90
±0.1
(1)
(2)
(3)
(5)
(6)
(4)
0.2
±0.15
0.35
±0.1
0.65
±0.05
(∗1) Higher Frequency Port
(∗2) Lower Frequency Port
(∗3) Common Port
(1):
(2)(4)(6):
(3):
(5):
P2(∗1)
GND
P1(∗2)
P3(∗3)
(in mm)
0.3
+0.1
–0.15
A: Directional Input Mark
A
Part Number
Frequency Range
(f1)
(MHz)
Frequency Range
(f2)
(MHz)
Insertion Loss( I
(P1-P3 in f1)
(dB)
Insertion Loss( II
(P2-P3 in f1)
(dB)
Attenuation
[P1-P3](in f2)
(dB)
Attenuation
[P2-P3](in f1)
(dB)
LFD181G57DP5B910
2450
±50.0MHz
1575.5
±1.5MHz
0.8 max. (at 25
°C)
0.65 max. (at 25
°C)
20 min.
20 min.
LFD181G57DP6B913
1575.5
±1.5MHz
2450
±50.0MHz
0.65 max. (at 25
°C)
0.80 max. (at 25
°C)
20 min.
20 min.
LFD181G57DPFC087
2450
±50.0MHz
1575
±3.0MHz
0.5 max. (at 25
°C)
0.35 max. (at 25
°C)
22 min.
13 min.
LFD181G57DPGC092
1575
±3.0MHz
2450
±50.0MHz
0.35 max. (at 25
°C)
0.5 max. (at 25
°C)
13 min.
22 min.
LFD182G45DP3A299
5375
±475.0MHz
2450
±50.0MHz
0.60 max. (at 25
°C)
0.40 max. (at 25
°C)
20 min.
20 min.
LFD182G45DP3B888
5375
±475.0MHz
2450
±50.0MHz
0.60 max. (at 25
°C)
0.40 max. (at 25
°C)
20 min.
20 min.
LFD182G45DP4B720
2450
±50.0MHz
5375
±475.0MHz
0.40 max. (at 25
°C)
0.60 max. (at 25
°C)
20 min.
20 min.
LFD182G45DP4B889
2450
±50.0MHz
5375
±475.0MHz
0.40 max. (at 25
°C)
0.60 max. (at 25
°C)
20 min.
20 min.
LFD212G45DP3A140
5250
±100.0MHz
2450
±50.0MHz
0.65 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
20 min.
LFD212G45DP3A151
5487.5
±337.5MHz
2450
±50.0MHz
0.75 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
16 min.
LFD212G45DP3A188
5375
±475.0MHz
2450
±50.0MHz
0.75 max. (at 25
°C)
0.50 max. (at 25
°C)
21 min.
17 min.
LFD212G45DP4A189
2450
±50.0MHz
5375
±475.0MHz
0.5 max. (at 25
°C)
0.75 max. (at 25
°C)
17 min.
21 min.
LFD21452MDPHC192
859.0
±35.0MHz
452.5
±41.5MHz
0.50 max. (at 25
°C)
0.65 max. (at 25
°C)
15 min.
17 min.
LFD21859MDP1A049
1920
±70.0MHz
859
±35.0MHz
0.45 max. (at 25
°C)
0.40 max. (at 25
°C)
19 min.
20 min.
LFD21859MDP2A076
859
±35.0MHz
1920
±70.0MHz
0.40 max. (at 25
°C)
0.45 max. (at 25
°C)
20 min.
19 min.
LFD21874MDP1A084
1575.5
±3.0MHz
874
±51.0MHz
0.60 max. (at 25
°C)
0.55 max. (at 25
°C)
25 min.
23 min.
LFD21874MDP2A181
874
±51.0MHz
1575.5
±3.0MHz
0.55 max. (at 25
°C)
0.60 max. (at 25
°C)
23 min.
25 min.
LFD21884MDP1A062
1906.5
±13.0MHz
884
±74.0MHz
0.45 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
20 min.
LFD21892MDP1A141
1850
±140.0MHz
892
±68.0MHz
0.60 max. (at 25
°C)
0.40 max. (at 25
°C)
19 min.
17 min.
LFD21892MDP2B860
892
±68.0MHz
1850
±140.0MHz
0.40 max. (at 25
°C)
0.60 max. (at 25
°C)
17 min.
19 min.
LFD21892MDPFC065
1940
±230.0MHz
892
±68.0MHz
0.45 max. (at 25
°C)
0.27 max. (at 25
°C)
19 min.
13 min.
LFD21892MDPGC103
892
±68.0MHz
1940
±230.0MHz
0.27 max. (at 25
°C)
0.45 max. (at 25
°C)
13 min.
19 min.
LFD21920MDP1A048
1795
±85.0MHz
920
±40.0MHz
0.55 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
16 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


유사한 부품 번호 - LFD21892MDPGC103

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFD21892MDP1A141 MURATA-LFD21892MDP1A141 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFD21892MDP1A141 MURATA-LFD21892MDP1A141 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD21892MDP1A141 MURATA1-LFD21892MDP1A141 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD21892MDP1A141 MURATA1-LFD21892MDP1A141 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
logo
Murata Manufacturing Co...
LFD21892MDP2B860 MURATA-LFD21892MDP2B860 Datasheet
474Kb / 17P
   Filters for Communication Equipment
More results

유사한 설명 - LFD21892MDPGC103

제조업체부품명데이터시트상세설명
logo
NIC-Components Corp.
NGD_C NIC-NGD_C Datasheet
218Kb / 3P
   Multilayer Chip Diplexers
NGD-C NIC-NGD-C Datasheet
332Kb / 5P
   Multilayer Chip Diplexers
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
TDK Electronics
DPX202690DT TDK-DPX202690DT Datasheet
56Kb / 2P
   Multilayer Chip Diplexers For UMTS LTE
DPX202170DT-4021A1 TDK-DPX202170DT-4021A1 Datasheet
334Kb / 18P
   Multilayer Diplexers, DPX Series
logo
Taiyo Yuden (U.S.A.), I...
FI168P157525-T TAIYO-YUDEN-FI168P157525-T Datasheet
247Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P085912-T TAIYO-YUDEN-FI212P085912-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P089208-T TAIYO-YUDEN-FI212P089208-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P085909-T TAIYO-YUDEN-FI212P085909-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
TSD1N18B829MLV0CZT TAIYO-YUDEN-TSD1N18B829MLV0CZT Datasheet
306Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com