전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC51N2702ECBTR 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC51N2702ECBTR
상세설명  1UA Voltage Detector with Output Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51N2702ECBTR 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC51N2702ECBTR Datasheet HTML 5Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 6Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 7Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 8Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 9Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 10Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 11Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 12Page - Microchip Technology TC51N2702ECBTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2002 Microchip Technology Inc.
DS21429B-page 9
TC51
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
6.2
Taping Form
Symbol
Output
Voltage
KNch
0.
LNch
1.
MNch
2.
NNch
3.
PNch
4.
RNch
5.
SNch
6.
3
1
represents N-channel indication and integer part
of output voltage
Symbol
Voltage
0.0
1.1
2.2
3.3
4.4
5.5
6.6
7.7
8.8
9.9
Symbol
Delay Time
5
50ms-200ms
2
represents first decimal of output voltage
3
represents delay time
4
represents assembly lot code
Component Taping Orientation for 3-Pin SOT-23A (EIAJ SC-59) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
3-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P


유사한 부품 번호 - TC51N2702ECBTR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC51N1802ECBTR MICROCHIP-TC51N1802ECBTR Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
TC51N1802ECBTR MICROCHIP-TC51N1802ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results

유사한 설명 - TC51N2702ECBTR

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com