전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4421 데이터시트(PDF) 3 Page - Microchip Technology

부품명 TC4421
상세설명  9A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421 데이터시트(HTML) 3 Page - Microchip Technology

  TC4421 Datasheet HTML 1Page - Microchip Technology TC4421 Datasheet HTML 2Page - Microchip Technology TC4421 Datasheet HTML 3Page - Microchip Technology TC4421 Datasheet HTML 4Page - Microchip Technology TC4421 Datasheet HTML 5Page - Microchip Technology TC4421 Datasheet HTML 6Page - Microchip Technology TC4421 Datasheet HTML 7Page - Microchip Technology TC4421 Datasheet HTML 8Page - Microchip Technology TC4421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2004 Microchip Technology Inc.
DS21420D-page 3
TC4421/TC4422
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +20V
Input Voltage .................... (VDD + 0.3V) to (GND – 5V)
Input Current (VIN > VDD)................................... 50 mA
Package Power Dissipation (TA ≤ 70°C)
5-Pin TO-220 .................................................... 1.6W
DFN .............................................................. Note 2
PDIP ............................................................ 730 mW
SOIC............................................................ 750 mW
Package Power Dissipation (TA ≤ 25°C)
5-Pin TO-220 (With Heatsink) ........................ 12.5W
Thermal Impedances (To Case)
5-Pin TO-220 RθJ-C ...................................... 10°C/W
† Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
1.8
V
Logic ‘0’, Low Input Voltage
VIL
—1.3
0.8
V
Input Current
IIN
–10
+10
µA
0V
≤ V
IN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC TEST
Low Output Voltage
VOL
0.025
V
DC TEST
Output Resistance, High
ROH
—1.4
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—0.9
1.7
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—9.0
A
VDD = 18V
Continuous Output Current
IDC
2—
A
10V
≤ V
DD ≤ 18V, TA = +25°C
(TC4421/TC4422 CAT only) (Note 3)
Latch-Up Protection
Withstand Reverse Current
IREV
>1.5
A
Duty cycle
≤ 2%, t ≤ 300 µsec
Switching Time (Note 1)
Rise Time
tR
—60
75
ns
Figure 4-1, CL = 10,000 pF
Fall Time
tF
—60
75
ns
Figure 4-1, CL = 10,000 pF
Delay Time
tD1
—30
60
ns
Figure 4-1
Delay Time
tD2
—33
60
ns
Figure 4-1
Power Supply
Power Supply Current
IS
0.2
55
1.5
150
mA
µA
VIN = 3V
VIN = 0V
Operating Input Voltage
VDD
4.5
18
V
Note 1:
Switching times ensured by design.
2:
Package power dissipation is dependent on the copper pad area on the PCB.
3:
Tested during characterization, not production tested.


유사한 부품 번호 - TC4421

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

유사한 설명 - TC4421

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com