전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4424A 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC4424A
상세설명  3A Dual High-Speed Power MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424A 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC4424A Datasheet HTML 3Page - Microchip Technology TC4424A Datasheet HTML 4Page - Microchip Technology TC4424A Datasheet HTML 5Page - Microchip Technology TC4424A Datasheet HTML 6Page - Microchip Technology TC4424A Datasheet HTML 7Page - Microchip Technology TC4424A Datasheet HTML 8Page - Microchip Technology TC4424A Datasheet HTML 9Page - Microchip Technology TC4424A Datasheet HTML 10Page - Microchip Technology TC4424A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 7
TC4423A/TC4424A/TC4425A
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, TA = +25°C with 4.5V <= VDD <= 18V.
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
0
20
40
60
80
100
120
100
1000
10000
Capacitive Load (pF)
400 kHz
100 kHz
50 kHz
650 kHz
200 kHz
VDD = 18V
0
20
40
60
80
100
120
140
100
1000
10000
Capacitive Load (pF)
500 kHz
200 kHz
1 MHz
2 MHz
100 kHz
VDD = 12V
0
20
40
60
80
100
120
100
1000
10000
Capacitive Load (pF)
500 kHz
2 MHz
1 MHz
3.5 MHz
100 kHz
VDD = 6V
200 kHz
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Frequency (kHz)
4,700 pF
1,000 pF
470 pF
100 pF
1,800 pF
VDD = 18V
10,000 pF
0
20
40
60
80
100
120
140
10
100
1000
10000
Frequency (kHz)
4,700 pF
1,000 pF
470 pF
100 pF
1,800 pF
VDD = 12V
10,000 pF
0
20
40
60
80
100
120
140
10
100
1000
10000
100000
Frequency (kHz)
4,700 pF
1,000 pF
470 pF
100 pF
1,800 pF
VDD = 6V
10,000 pF


유사한 부품 번호 - TC4424A

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4424A MICROCHIP-TC4424A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424A MICROCHIP-TC4424A Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

유사한 설명 - TC4424A

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com