전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAB916 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 CAB916
상세설명  Taoglas Cable Assembly N type Male Straight to N type Male Straight with 1M CFD-200 cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CAB916 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB916 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB916 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB916 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB916 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB916 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-11-8-115/C/SS
Page 3 of 3
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
Insulation Resistance:
1000 MΩ-Km (Min)
Capacitance
80.4  3 pF/m
Nom. Impedance
50  3 Ω
Attenuation
150MHz
450MHz
900MHz
1500MHZ
1800MHZ
2500MHZ
(dB/100M)
12.1
21.6
31.2
41.1
45.3
54.4


유사한 부품 번호 - CAB916

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CAB917 ETC2-CAB917 Datasheet
478Kb / 6P
   Taoglas Cable Assembly N type Male Straight to N type Female Straight with 1M CFD-200 cable
More results

유사한 설명 - CAB916

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CAB917 ETC2-CAB917 Datasheet
478Kb / 6P
   Taoglas Cable Assembly N type Male Straight to N type Female Straight with 1M CFD-200 cable
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
logo
Pomona Electronics
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
logo
Pasternack Enterprises,...
PE33236 PASTERNACK-PE33236 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG218/U N MALE TO N MALE TO N MALE
PE3963 PASTERNACK-PE3963 Datasheet
262Kb / 1P
   CABLE ASSEMBLY PE-SR405FL N MALE TO N MALE
PE33527 PASTERNACK-PE33527 Datasheet
263Kb / 1P
   CABLE ASSEMBLY RG178B/U N MALE TO N MALE
PE3997 PASTERNACK-PE3997 Datasheet
262Kb / 1P
   CABLE ASSEMBLY RG217/U N MALE TO N MALE
PE34138 PASTERNACK-PE34138 Datasheet
103Kb / 1P
   CABLE ASSEMBLY PE-SR402AL N MALE TO N MALE
PE34140LF PASTERNACK-PE34140LF Datasheet
87Kb / 1P
   CABLE ASSEMBLY PE-SR405AL N MALE TO N MALE
PE34144LF PASTERNACK-PE34144LF Datasheet
86Kb / 1P
   CABLE ASSEMBLY PE-SSR047AL, N MALE TO N MALE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com