전자부품 데이터시트 검색엔진 |
|
FW80SMAM 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FW80SMAM 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 6 page SPE-12-8-033/C/PK Page 2 of 6 1.Introduction The Meteor FW.80 is a 0dBi 169MHz ISM band 1/4 wavelength monopole flexible whip antenna with omni- directional pattern optimized in the azimuth for wide coverage range in typical 169 MHz applications such as Wireless M-Bus metering. It also finds its usage in remote asset monitoring applications, alarms, paging systems and private mobile radio services. The Meteor has a IP67 housing. The antenna, like all low frequency monopole antennas needs to be mounted to a metal plate to radiate. For a waterproof integration to a metal box a waterproof panel mount SMA connector or cable assembly can be provided. TNC and N-type antenna versions are also available. This whip is made up of a flexible inner steel core covered by TPU so extremely resistant to collisions and maintaining its original shape and RF performance. Customized frequency and gain versions can be supplied. |
유사한 부품 번호 - FW80SMAM |
|
유사한 설명 - FW80SMAM |