전자부품 데이터시트 검색엔진 |
|
TPD2XGKZRE00057G 데이터시트(PDF) 1 Page - OPLINK Communications Inc. |
|
TPD2XGKZRE00057G 데이터시트(HTML) 1 Page - OPLINK Communications Inc. |
1 / 9 page An Oplink Company S0255. Rev.03. (web) 2012-08-08 Absolute Maximum Ratings The TPD2XGKZRxxG is an enhanced small form factor pluggable (SFP+) fiber optic transceiver with digital diagnostics monitoring functionality (DDM). Supporting Ethernet and Fiber Channel standards with dense wavelength division multiplexing (DWDM) wavelength makes it ideally suited for high capacity data-com and storage area network applications. DDM functionality (alarm and warning features) is integrated into the design via an I2C serial interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 10.4. Each transceiver utilizes an electro absorption modulator integrated laser (EML) with an operating wavelength at ITU 100GHz (0.8nm) grids offset by 50GHz. The transceiver supports data rates ranging from 11.3Gbps down to 8Gbps. It provides an excellent solution for data transmission at DWDM wavelength over up to 80km single mode fiber. The low power consumption and excellent EMI performance enable system design with high port density. The product is RoHS compliant and is designed and tested in accordance with industry safety standards. The transceiver is Class I Laser product per U.S. FDA/CDRH and international IEC-60825 standards. The TPD2XGKZRxxG transceiver connects to standard 20-pad SFP+ connectors for hot plug capability. This allows the system designer to make configuration changes or maintenance by simply plugging in different transceivers without removing the power supply from the host system. The transmitter and receiver DATA interfaces are internally AC-coupled. LV-TTL Transmitter Disable control input and Loss of Signal (LOS) output interfaces are also provided. The transceiver has bail-type latch, which offers an easy and convenient way to release the modules. The latch is compliant with the SFP MSA. The transceiver operates from a single +3.3V power supply over an operating case temperature range of 5°C to +70°C (commercial), or -5°C to +85°C (extended) or -40°C to +85°C (industrial). The housing is made of metal for EMI immunity. Temperature-stablized DWDM EML transmitter Transmission distance up to 80km (SM Fiber) Low power consumption Wide case operating temperature range Compliant to SFP+ Electrical MSA SFF-8431 Compliant to SFP+ Mechanical MSA SFF-8432 Digital Diagnostics Monitoring (DDM) through Serial Interface comply with SFF-8472, Rev. 10.4 RoHS 6/6 compliant Laser Class 1 IEC/CDRH compliant Features Pb Product Description TPD2XGKZRxxG Parameter Symbol Minimum Maximum Units Storage Temperature Range T ST - 40 + 85 °C Operating Case Temperature 1 “Commercial” T OP - 5 + 70 °C “Extended” - 5 + 85 “Industrial” - 40 + 85 Operating Relative Humidity 2 RH 0 85 % Supply Voltage Range V CC - 0.5 + 3.6 V 1 Measured on top side of SFP+ module at the front center vent hole of the cage. 2 Non condensing DWDM 80km SFP+ Transceiver |
유사한 부품 번호 - TPD2XGKZRE00057G |
|
유사한 설명 - TPD2XGKZRE00057G |