전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K10110-PROLITE 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 K10110-PROLITE
상세설명  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

K10110-PROLITE 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button K10110-PROLITE Datasheet HTML 5Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 6Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 7Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 8Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 9Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 10Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 11Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 12Page - List of Unclassifed Manufacturers K10110-PROLITE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
www .prolite -lamps.co.uk
9
HELIX DAYLITE MICRO COMPACT FLUORESCENT
DESCRIPTION
A compact version of the daylite helix lamp ideal for use in small enclosures. 6400K daylight
white colour temperature, makes this lamp perfect for home applications such as cooker
hoods, bathroom and kitchen wall lights. The lamp also works well used in commercial
display applications. Used as an indirect light source, colours and products can be
viewed with full richness and contrast.
TECHNICAL SPECIFICATION
h
w
HELIX/5W/BC/6400
5
25
240
BC
300
94
30
HELIX/7W/BC/64
7
35
240
BC
385
106
30
HELIX/7W/SES/64
7
35
240
SES
385
106
30
HELIX/9W/BC/64
9
45
240
BC
455
108
30
HELIX/9W/SES/64
9
45
240
SES
455
108
30
8,000h


유사한 부품 번호 - K10110-PROLITE

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
COSMO Electronics Corp...
K1010 COSMO-K1010 Datasheet
263Kb / 2P
   High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
122Kb / 6P
   High Reliability Photocoupler
K10101A COSMO-K10101A Datasheet
122Kb / 6P
   High Reliability Photocoupler
K10101ATLD COSMO-K10101ATLD Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

유사한 설명 - K10110-PROLITE

제조업체부품명데이터시트상세설명
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com