전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP0-TC4 데이터시트(PDF) 8 Page - Panasonic Semiconductor

부품명 FP0-TC4
상세설명  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FP0-TC4 데이터시트(HTML) 8 Page - Panasonic Semiconductor

Back Button FP0-TC4 Datasheet HTML 4Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 5Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 6Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 7Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 8Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 9Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 10Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 11Page - Panasonic Semiconductor FP0-TC4 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
5
Adhesive
Stepping motor
Servo motor
Motor
driver
1
Y0
Pulse output CW
Y1
Pulse output CCW
Y3
Pulse output CW
Y4
Pulse output CCW
Motor
driver
2
FP
∑ (Sigma)
Motor
driver
Motor
driver
8
FP
S (Sigma) positioning
Specially designed for positioning applications
Max. 100kHz pulse output performance is now standard.
Powerful device capable of linear interpolation and circular interpolation.
Pulse output max. 100kHz
Because command processing at speeds up to 100kHz is available,
high-speed, high-precision positioning is enabled. Along with stepping
motor control, the specs also ensure plenty of scope for controlling
servo motors.
Possible to combine with pulse-train input drivers
Single unit enables two-axis control
Rapid 0.02ms start (when JOG operation controls are executed)
The time taken to execute the JOG operation, from the instant the trigger (execution condition) goes on to the time of pulse output,
is 0.02ms and 0.2ms even with trapezoidal control. Control time is reduced even for machines that quickly and repeatedly restart.
And there’s more:
Smooth acceleration/deceleration
You can choose to set either 30 or 60 steps of acceleration/
deceleration. This feature means you can achieve smoother
movement during long acceleration/ deceleration periods of
stepping motors.
The settings are there for a maximum 60 accelaration/
deceleration steps.
Support for CW/CCW method
Reduce overall costs by designing systems that combine with
servo motors and small stepping motors without support for
Pulse and Sign method.
Linear interpolation and circular interpolation are built in
(FPG-C32T2H-A and FPG-C28P2H-A)
Interpolation functions enable simultaneous control of two axes.
Applications that a compact PLC couldn‘t previously cope with are
no longer a challenge.
Linear Interpolation
Circular Interpolation
09/2008


유사한 부품 번호 - FP0-TC4

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
FP0-TC4 PANASONIC-FP0-TC4 Datasheet
2Mb / 20P
   4-axis pulse output in a compact body
More results

유사한 설명 - FP0-TC4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com