전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6B-2014P-US 데이터시트(PDF) 10 Page - Omron Electronics LLC

부품명 G6B-2014P-US
상세설명  High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-2014P-US 데이터시트(HTML) 10 Page - Omron Electronics LLC

Back Button G6B-2014P-US Datasheet HTML 2Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 3Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 4Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 5Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 6Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 7Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 8Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 9Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
G6B
PCB Power Relay
G
6
B
■Precautions
●Please refer to “PCB Relays Common Precautions” for correct use.
●Mounting
• When installing more than two Relays
side by side on a PCB, keep the gaps
as shown below.
It may cause a malfunction if heat is
not dissipated smoothly from the
Relay.
• No specified mounting direction.
●Mounting Height of Sockets and
Precautions
• Hold-down clips (for mounting and
removal) are also available.(For P6B-
C2 model) However, it is not suitable
for G6B-1174P and G6B-1177P
models.
• Removal tool is also available.
(For P6B-Y1 model) However, it is not
suitable for G6B-1177P model.
●Inhibit Circuit of the
G6B-1177P(-FD)-ND-US Model
• Do not use under conditions in which a
surge is included in the power supply,
such as when an inductive load is
connected in parallel to the coil. Doing
so will cause damage to the installed
(or built-in) coil surge absorbing diode.
●Using SPDT contact of the
SPST-NO+SPST-NC Relay
• Do not construct a circuit so that
overcurrent and burning occur if the
NO, NC and SPDT contacts are
short-circuited with the
SPST-NO+SPST-NC Relay.Arcing
may generate short-circuiting between
contacts if there is short-circuiting
because of conversion to the MBB
contact caused by asynchronous
operation of the NO and NC contacts,
the interval between the NO and NC
contacts is small, or a large current is
left open.
●Other precautions
• The P6B model has a flux-resistant
construction. Do not wash it down with
water.
• Perform wiring of No.1 and No. 2 of the
X terminal as COM for double-winding
latching as shown below. The
operation stability improves by doing
this.
• Check carefully the coil polarity (+ and -)
of the Relay G6B-1177P(-FD)-ND-US.
Do not reverse the polarity when
connecting. Otherwise the built-in coil
surge absorption diode may be
damaged.
• This Relay is a Power Relay which is
suitable for power load switching. Do
not use the G6B for signal purposes
such as micro load switching under
100 mA.
Correct Use
Pitch: 2.54 mm × 2 min.
between terminals
Pitch:
2.54 mm
× 2 min.
between terminals
*17 mm max.
7 mm max.
* 19.5 mm max. for
G6B-1174P-FD-US,
G6B-1174P-US models
and 22 mm max. for
G6B-1177P-FD-ND-US,
G6B-1177P-ND-US models.
L
Inductive
load
G6B
Coil
Coil surge
absorption
diode
COM
6
S
1
5
R
2
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb
Cat. No. K021-E1-09
0913(0207)(O)
Note: Do not use this document to operate the Unit.


유사한 부품 번호 - G6B-2014P-US

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G6B-2014P-US ETC1-G6B-2014P-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
611Kb / 10P
   Power PCB Relay
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
More results

유사한 설명 - G6B-2014P-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6C-2114P-US-DC5 OMRON-G6C-2114P-US-DC5 Datasheet
594Kb / 12P
   SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Intersil Corporation
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com