전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC1XGJERC00030G 데이터시트(PDF) 6 Page - OPLINK Communications Inc.

부품명 TPC1XGJERC00030G
상세설명  CWDM 40km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGJERC00030G 데이터시트(HTML) 6 Page - OPLINK Communications Inc.

  TPC1XGJERC00030G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGJERC00030G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S0218. Rev.02. 2011-05-26
6
TPC1XGJERxG
Oplink Communications, Inc
Package Outline
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and
Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
Distance
Oplink Part Number
TPC1XGJERC00010G
- 5°C to +70°C
Commercial
1471nm
40km
TPC1XGJERC00020G
- 5°C to +70°C
Commercial
1491nm
40km
TPC1XGJERC00030G
- 5°C to +70°C
Commercial
1511nm
40km
TPC1XGJERC00040G
- 5°C to +70°C
Commercial
1531nm
40km
TPC1XGJERC00050G
- 5°C to +70°C
Commercial
1551nm
40km
TPC1XGJERC00060G
- 5°C to +70°C
Commercial
1571nm
40km
TPC1XGJERC00070G
- 5°C to +70°C
Commercial
1591nm
40km
TPC1XGJERC00080G
- 5°C to +70°C
Commercial
1611nm
40km


유사한 부품 번호 - TPC1XGJERC00030G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPC1XGJERC00030G OPLINK-TPC1XGJERC00030G Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
More results

유사한 설명 - TPC1XGJERC00030G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com