전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1XGJERE00049G 데이터시트(PDF) 2 Page - OPLINK Communications Inc.

부품명 TPD1XGJERE00049G
상세설명  DWDM 40km SFP Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGJERE00049G 데이터시트(HTML) 2 Page - OPLINK Communications Inc.

  TPD1XGJERE00049G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGJERE00049G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
S0217. Rev.01. 2010-12-06
2
TPD1XGJERxx
Oplink Communications, Inc
Transmitter Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They
must be operated under specified operating
conditions.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
8.0
-
11.3
Gb/s
Center Wavelength 1
λ
C
See Ordering Information Table
nm
Spectral Width (-20dB)
Δλ 20
-
-
1.0
nm
Average Optical Output Power 2
PAvg
- 4.7
-
+ 4
dBm
Optical Modulation Amplitude
POMA
- 1.7
-
-
dBm
Extinction Ratio
ER
3
-
-
dB
Relative Intensity Noise in OMA
RIN21OMA
-
-
- 128
dB/Hz
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Return Loss Tolerance
-
-
-
- 21
dB
Transmitter and Dispersion Penalty @ 10.3125Gb/s
TDP
-
-
3
dB
Optical Output Eye
Compliant with IEEE 802.3ae
1
BOL : ±0.05nm from ITU grid; EOL: ±0.1nm from ITU grid.
2
Average power figures are informative only, per IEEE 802.3ae.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
8.0
-
11.3
Gb/s
Wavelength of Operation
λ
1530
-
1565
nm
Receiver Sensitivity
OMA @ 10.3125Gb/s 1
Pmin
-
-
- 14.1
dBm
Stressed Receiver Sensitivity in OMA
(@ 10.3125Gb/s) 2
-
-
-
- 11.3
dBm
Maximum Input Optical Power (10 -12 BER)
Pmax
- 1
-
-
dBm
Receiver Reflectance
-
-
-
- 26
dB
LOS Hysteresis
-
0.5
-
-
dB
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 16
dBm
Decreasing Light Input
Plos-
- 30
-
-
1
Specified with BER <1x10-12 and PRBS 2 31-1.
2
Comply with IEEE 802.3ae
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


유사한 부품 번호 - TPD1XGJERE00049G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPD1XGJERE00040G OPLINK-TPD1XGJERE00040G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERE00041G OPLINK-TPD1XGJERE00041G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERE00042G OPLINK-TPD1XGJERE00042G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERE00043G OPLINK-TPD1XGJERE00043G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERE00044G OPLINK-TPD1XGJERE00044G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results

유사한 설명 - TPD1XGJERE00049G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com