전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10158 데이터시트(PDF) 10 Page - Texas Instruments

부품명 ADC10158
상세설명  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC10158 데이터시트(HTML) 10 Page - Texas Instruments

Back Button ADC10158 Datasheet HTML 6Page - Texas Instruments ADC10158 Datasheet HTML 7Page - Texas Instruments ADC10158 Datasheet HTML 8Page - Texas Instruments ADC10158 Datasheet HTML 9Page - Texas Instruments ADC10158 Datasheet HTML 10Page - Texas Instruments ADC10158 Datasheet HTML 11Page - Texas Instruments ADC10158 Datasheet HTML 12Page - Texas Instruments ADC10158 Datasheet HTML 13Page - Texas Instruments ADC10158 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical Converter Performance Characteristics
Total Positive Supply
Current (DI
+ +AI+)
vs Temperature
DS011225-27
Total Positive Power
Supply Current (DI
+ +AI+)
vs Clock Frequency
DS011225-28
Offset Error
vs Temperature
DS011225-29
Offset Error vs
Reference Voltage
DS011225-30
Linearity Error
vs Temperature
DS011225-31
Linearity Error vs
Reference Voltage
DS011225-32
Linearity Error vs
Clock Frequency
DS011225-33
Spectral Response with
50 kHz Sine Wave
DS011225-34
10-Bit Unsigned
Signal-to-Noise + THD Ratio
vs Input Signal Level
DS011225-35
www.national.com
9


유사한 부품 번호 - ADC10158

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10158 NSC-ADC10158 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
ADC10158CIN NSC-ADC10158CIN Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
ADC10158CIWM NSC-ADC10158CIWM Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
More results

유사한 설명 - ADC10158

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Analog Devices
DAC02 AD-DAC02_15 Datasheet
1Mb / 5P
   10 BIT PLUS SIGN VOLTAGE OUTPUT
REV. C
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com