전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2222A 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 2N2222A
상세설명  HIGH SPEED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222A 데이터시트(HTML) 2 Page - STMicroelectronics

  2N2222A Datasheet HTML 1Page - STMicroelectronics 2N2222A Datasheet HTML 2Page - STMicroelectronics 2N2222A Datasheet HTML 3Page - STMicroelectronics 2N2222A Datasheet HTML 4Page - STMicroelectronics 2N2222A Datasheet HTML 5Page - STMicroelectronics 2N2222A Datasheet HTML 6Page - STMicroelectronics 2N2222A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
TO-39
TO-18
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
50
187.5
83.3
300
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 60 V
VCB = 60 V
Tj = 150
oC
10
10
nA
µA
ICEX
Collector Cut-off
Current (VBE = -3V)
VCE = 60 V
10
nA
IBEX
Base Cut-off Current
(VBE = -3V)
VCE = 60 V
20
nA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 3 V
10
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 10
µA
75
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 10 mA
40
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 10
µA
6V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
IC = 500 mA
IB = 50 mA
0.3
1
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
IC = 500 mA
IB = 50 mA
0.6
1.2
2
V
V
hFE
DC Current Gain
IC = 0.1 mA
VCE = 10 V
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 150 mA
VCE = 1 V
IC = 10 mA
VCE = 10 V
Tamb = -55
oC
35
50
75
100
40
50
35
300
hfe
Small Signal Current
Gain
IC = 1 mA
VCE = 10 V
f = 1KHz
IC = 10 mA
VCE = 10 V
f = 1KHz
50
75
300
375
fT
Transition Frequency
IC = 20 mA
VCE = 20 V
f = 100 MHz
300
MHz
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = 0.5 V
f = 100KHz
25
pF
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 100 KHz
8
pF
Re(hie)
Real Part of Input
Impedance
IC = 20 mA
VCE = 20 V
f = 300MHz
60
* Pulsed: Pulse duration = 300
µs, duty cycle ≤ 1 %
2N2219A / 2N2222A
2/7


유사한 부품 번호 - 2N2222A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

유사한 설명 - 2N2222A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
2N2218-2N2219 STMICROELECTRONICS-2N2218-2N2219 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
2N2219A STMICROELECTRONICS-2N2219A_03 Datasheet
170Kb / 7P
   HIGH SPEED SWITCHES
logo
ON Semiconductor
FSA223 ONSEMI-FSA223 Datasheet
612Kb / 18P
   High-Speed Audio Switches
November 2012 Rev. 1.0.4
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
   HIGH-SPEED SATURATED SWITCHES
logo
ON Semiconductor
FSA221 ONSEMI-FSA221 Datasheet
1Mb / 19P
   High-Speed Audio Switches
March 2013 Rev. 1.1.0
logo
Comset Semiconductor
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
   HIGH-SPEED SATURATED SWITCHES
logo
STMicroelectronics
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
   HIGH-SPEED SATURATED SWITCHES
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
   HIGH SPEED SATURATED SWITCHES
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
   HIGH SPEED MEDIUM VOLTAGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com