전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA12-600BW 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 BTA12-600BW
상세설명  Medium current triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600BW 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button BTA12-600BW Datasheet HTML 4Page - STMicroelectronics BTA12-600BW Datasheet HTML 5Page - STMicroelectronics BTA12-600BW Datasheet HTML 6Page - STMicroelectronics BTA12-600BW Datasheet HTML 7Page - STMicroelectronics BTA12-600BW Datasheet HTML 8Page - STMicroelectronics BTA12-600BW Datasheet HTML 9Page - STMicroelectronics BTA12-600BW Datasheet HTML 10Page - STMicroelectronics BTA12-600BW Datasheet HTML 11Page - STMicroelectronics BTA12-600BW Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Packaging information
BTA12, BTB12, T12xx
8/12
3
Packaging information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 15.
Footprint (dimensions in mm)
Table 8.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


유사한 부품 번호 - BTA12-600BW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA12-600BW STMICROELECTRONICS-BTA12-600BW Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA12-600BW HAOPIN-BTA12-600BW Datasheet
490Kb / 5P
   Blocking voltage to 600 V
logo
ON Semiconductor
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results

유사한 설명 - BTA12-600BW

제조업체부품명데이터시트상세설명
logo
Nell Semiconductor Co.,...
20T NELLSEMI-20T Datasheet
595Kb / 5P
   Medium current triac
logo
STMicroelectronics
T1610T-8T STMICROELECTRONICS-T1610T-8T Datasheet
329Kb / 9P
   Medium current Triac
October 2014 Rev 1
T1635T-8FP STMICROELECTRONICS-T1635T-8FP Datasheet
269Kb / 9P
   Medium current Triac
January 2015 Rev 3
T1610T-8FP STMICROELECTRONICS-T1610T-8FP Datasheet
357Kb / 9P
   Medium current Triac
February 2015 Rev 2
T1635T-8T STMICROELECTRONICS-T1635T-8T Datasheet
272Kb / 9P
   Medium current Triac
July 2014 Rev 3
logo
Renesas Technology Corp
BCR8PM-14LD RENESAS-BCR8PM-14LD Datasheet
133Kb / 8P
   Triac Medium Power Use
BCR30AM-12LA RENESAS-BCR30AM-12LA Datasheet
107Kb / 7P
   Triac Medium Power Use
BCR5PM-12LA RENESAS-BCR5PM-12LA Datasheet
111Kb / 8P
   Triac Medium Power Use
BCR16PM-12LA RENESAS-BCR16PM-12LA Datasheet
103Kb / 8P
   Triac Medium Power Use
BCR10KM-12LA RENESAS-BCR10KM-12LA Datasheet
140Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12