전자부품 데이터시트 검색엔진 |
|
BTB25-600BRG 데이터시트(PDF) 6 Page - STMicroelectronics |
|
BTB25-600BRG 데이터시트(HTML) 6 Page - STMicroelectronics |
6 / 12 page Ordering information scheme BTA24, BTB24, BTA25, BTA26, BTB26, T25 6/12 2 Ordering information scheme Figure 12. BTA and BTB series Figure 13. T25 series BT A 24 - 600 BW RG Triac series Insulation Current Voltage Sensitivity and type Packing mode A = insulated B = non insulated 24 = 25 A in TO-220AB 25 = 25 A in RD91 26 = 25 A in TOP3 600 = 600 V 800 = 800 V B = 50 mA Standard BW = 50 mA Snubberless CW = 35 mA RG = Tube Snubberless T 25 35 - 600 G (-TR) Triac series Sensitivity Voltage Package Packing mode Current 25 = 25 A 35 = 35 mA 600 = 600 V 800 = 800 V G = D PAK Blank = Tube -TR = Tape and Reel 2 |
유사한 부품 번호 - BTB25-600BRG |
|
유사한 설명 - BTB25-600BRG |