전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD143A-SR3.3 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 CD143A-SR3.3
상세설명  Steering/TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR3.3 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  CD143A-SR3.3 Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR3.3 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR3.3 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR3.3 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR2.8~3.3 – Steering/TVS Diode Array Series
Performance Graphs
Pulse Wave Form
Clamping Voltage vs. Peak Pulse Current
0
1
2
3
4
5
6
415
13
6
5
7
8
9
10 11
12
14
Peak Pulse Current (A)
Waveform Parameters
tr = 8 µs
td = 20 µs
0
1
2
3
4
5
6
7
8
9
10
12
11
415
13
6
5
7
8
9
10 11
12
14
Peak Pulse Current (A)
Waveform Parameters
tr = 8 µs
td = 20 µs
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.000
0.825
1.650
2.475
3.300
Input Voltage (V)
VDD = 3.3 V, GND = 0 V,
f = 1 MHz, T = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.000
0.825
1.650
2.475
3.300
Input Voltage (V)
VDD = 3.3 V, GND = 0 V,
f = 1 MHz, T = 25 °C
Forward Clamping Voltage vs. Peak Pulse Current
Typical Variation of CI/O-to-I/O vs. VIN
Typical Variation of CIN vs. VIN
How To Order
CD 143A - SR 2.8
Common Code
Chip Diode
Package
• 143A = SOT-143
Model
SR = Steering Diode Array
Repetitive Peak Reverse Voltage
2.8 = 2.8 VRWM (Volts)
3.3 = 3.3 VRWM (Volts)


유사한 부품 번호 - CD143A-SR3.3

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD143A-SR3.3 BOURNS-CD143A-SR3.3 Datasheet
329Kb / 4P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
CD143A-SR3.3 BOURNS-CD143A-SR3.3 Datasheet
181Kb / 5P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
More results

유사한 설명 - CD143A-SR3.3

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05 BOURNS-CD143A-SR05_11 Datasheet
223Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com