전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D749CFG 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC62D749CFG
상세설명  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D749CFG 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC62D749CFG Datasheet HTML 5Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 6Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 7Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 8Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 9Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 10Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 11Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 12Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TC62D749CFG
2012-01-10
9
Switching Characteristics (Unless otherwise specified, VDD = 3.3V, Ta = 25°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
SCK-
OUT0
tpLH1
6
SLAT = “H”, OE = “L”
50
65
ns
SLAT - OUT0
tpLH2
6
OE = “L”
50
65
ns
OE - OUT0
tpLH3
6
SLAT = “H”
50
65
ns
SCK-SOUT
tpLH
6
CL=10.5 pF
10
20
35
ns
SCK- OUT0
tpHL1
6
SLAT = “H”, OE = “L”
30
40
ns
SLAT - OUT0
tpHL2
6
OE = “L”
30
40
ns
OE - OUT0
tpHL3
6
SLAT = “H”
30
40
ns
Propagation delay
time
SCK-SOUT
tpHL
6
CL=10.5 pF
10
20
35
ns
Output
rise
t i me
tor
6
10 to 90% of voltage waveform
10
20
ns
Output
fall
t i m e
tof
6
90 to 10% of voltage waveform
10
20
ns
Enabl e
pulse
w i d th
twOE
6
OE = “H” or “L”
25
ns
Cl ock
p u l s e
wi d t h
twSCK
6
SCK = “H” or “L”
20
ns
Latch
pulse
w i d th
twSLAT
6
SLAT = “H”
20
ns
Switching Characteristics (Unless otherwise specified, VDD = 5.0V, Ta = 25°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
SCK-
OUT0
tpLH1
6
SLAT = “H”, OE = “L”
50
65
ns
SLAT - OUT0
tpLH2
6
OE = “L”
50
65
ns
OE - OUT0
tpLH3
6
SLAT = “H”
50
65
ns
SCK-SOUT
tpLH
6
CL=10.5 pF
10
20
35
ns
SCK- OUT0
tpHL1
6
SLAT = “H”, OE = “L”
30
40
ns
SLAT - OUT0
tpHL2
6
OE = “L”
30
40
ns
OE - OUT0
tpHL3
6
SLAT = “H”
30
40
ns
Propagation delay
time
SCK-SOUT
tpHL
6
CL=10.5 pF
10
20
35
ns
Output
rise
t i me
tor
6
10 to 90% of voltage waveform
10
20
ns
Output
fall
t i m e
tof
6
90 to 10% of voltage waveform
10
20
ns
Enabl e
pulse
w i d th
twOE
6
OE = “H” or “L”
25
ns
Cl ock
p u l s e
wi d t h
twSCK
6
SCK = “H” or “L”
20
ns
Latch
pulse
w i d th
twSLAT
6
SLAT = “H”
20
ns


유사한 부품 번호 - TC62D749CFG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D749CFG MARKTECH-TC62D749CFG Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
More results

유사한 설명 - TC62D749CFG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com