전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6NK50ZT4 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STD6NK50ZT4
상세설명  N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NK50ZT4 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STD6NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 9Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 10Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 11Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STP6NK50Z - STF6NK50Z - STD6NK50Z
8/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA


유사한 부품 번호 - STD6NK50ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
More results

유사한 설명 - STD6NK50ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
   N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
   N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com