전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM72295MAX 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SM72295MAX
상세설명  SM72295 Photovoltaic Full Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM72295MAX 데이터시트(HTML) 5 Page - Texas Instruments

  SM72295MAX Datasheet HTML 1Page - Texas Instruments SM72295MAX Datasheet HTML 2Page - Texas Instruments SM72295MAX Datasheet HTML 3Page - Texas Instruments SM72295MAX Datasheet HTML 4Page - Texas Instruments SM72295MAX Datasheet HTML 5Page - Texas Instruments SM72295MAX Datasheet HTML 6Page - Texas Instruments SM72295MAX Datasheet HTML 7Page - Texas Instruments SM72295MAX Datasheet HTML 8Page - Texas Instruments SM72295MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SM72295
www.ti.com
SNVS688E – OCTOBER 2010 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. No load on LO & HO, VCC = 10V, VDD = 5V, HB-HS = 10V, OVS = 0V unless otherwise indicated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LO & HO GATE DRIVER
ILO = 100mA
VOL
Low-Level Output Voltage
0.16
0.4
V
VOL = LO-PGND or HO-HS
ILO = -100mA
VOH
High-Level Output Voltage
0.28
0.6
V
VOH = VCC-LO or VCC-HO
IOHL
Peak Pullup Current
HO, LO = 12V
3
A
IOLL
Peak Pulldown Current
HO, LO = 0V
3
A
tLPHL
LO Turn-Off Propagation Delay
LI Falling to LO Falling
22
ns
tLPLH
LO Turn-On Propagation Delay
LI Rising to LO Rising
26
ns
tHPHL
HO Turn-Off Propagation Delay
HI Falling to HO Falling
22
ns
tHPLH
LO Turn-On Propagation Delay
HI Rising to HO Rising
26
ns
Delay Matching: LO on & HO
tMON
1
ns
off
Delay Matching: LO off & HO
tMOFF
1
ns
on
tRC, tFC
Either Output Rise/Fall Time
CL = 1000pF
8
ns
Minimum Input Pulse Width that
tPW
50
ns
Changes the Output
Bootstrap Diode Turn-On or
tBS
IF = 100mA/ IR = 100mA
37
ns
Turn-Off Time
CURRENT SENSE AMPLIFIER
RSI = RSO = 500, 10mV sense
VOS
Offset voltage
-2
2
mV
resistor voltage
Gain is programmed with
5mV sense resistor voltage
Gain 5mV
external resistors
390
mV
RSI = RSO = 1000, RL = 75K
IOUT, IIN =(RL/RSI )* (SI-SO)
Gain is programmed with
Gain
50mV sense resistor voltage
external resistors
3.85
V
50mV
RSI = RSO = 1000, RL = 75K
IOUT, IIN =(RL/RSI )* (SI-SO)
0.1V sense resistor voltage
Vclamp
Output Clamp
VDD
V
RSI = RSO = 1000, RL = 75K
CURRENT SENSE BUFFER
Offset voltage (BIN-IIN),
IIN = 2.5V
-60
60
mV
(BOUT-IOUT)
Output low voltage BOUT,BIN
IIN, IOUT = 0
0
50
mV
Output high voltage BOUT,BIN
IIN, IOUT = VDD
VDD-100mV
VDD-30mV
VDD
mV
THERMAL RESISTANCE
θJA
Junction to Ambient
SOIC-28(2)
60
°C/W
(2)
2 layer board with 2 oz Cu using JEDEC JESD51 thermal board.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM72295


유사한 부품 번호 - SM72295MAX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM72295MAX/NOPB TI-SM72295MAX/NOPB Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
More results

유사한 설명 - SM72295MAX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295 TI-SM72295_15 Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
   Photovoltaic Full Bridge Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
July 2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com