전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3444MA 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3444MA
상세설명  AC-DC Offline LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444MA 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3444MA Datasheet HTML 7Page - Texas Instruments LM3444MA Datasheet HTML 8Page - Texas Instruments LM3444MA Datasheet HTML 9Page - Texas Instruments LM3444MA Datasheet HTML 10Page - Texas Instruments LM3444MA Datasheet HTML 11Page - Texas Instruments LM3444MA Datasheet HTML 12Page - Texas Instruments LM3444MA Datasheet HTML 13Page - Texas Instruments LM3444MA Datasheet HTML 14Page - Texas Instruments LM3444MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
= D =
tON
tON + tOFF
= tON x fSW
VO
VIN
L2
R3
C11
Q2
Q3
D10
ICOLL
4
6
7
8
R4
PGN
D
ISNS
GAT
E
COFF
LM3444
VBUCK
C12
LM3444
www.ti.com
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
Figure 15. LM3444 Buck Regulation Circuit
OVERVIEW OF CONSTANT OFF-TIME CONTROL
A buck converter’s conversion ratio is defined as:
(3)
Constant off-time control architecture operates by simply defining the off-time and allowing the on-time, and
therefore the switching frequency, to vary as either VIN or VO changes. The output voltage is equal to the LED
string voltage (VLED), and should not change significantly for a given application. The input voltage or VBUCK in
this analysis will vary as the input line varies. The length of the on-time is determined by the sensed inductor
current through a resistor to a voltage reference at a comparator. During the on-time, denoted by tON, MOSFET
switch Q2 is on causing the inductor current to increase. During the on-time, current flows from VBUCK, through
the LEDs, through L2, Q2, and finally through R3 to ground. At some point in time, the inductor current reaches a
maximum (IL2-PK) determined by the voltage sensed at R3 and the ISNS pin. This sensed voltage across R3 is
compared against the voltage of FILTER, at which point Q2 is turned off by the controller.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3444


유사한 부품 번호 - LM3444MA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3444MA TI-LM3444MA Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MA/NOPB TI1-LM3444MA/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MAX TI-LM3444MAX Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MAX/NOPB TI1-LM3444MAX/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

유사한 설명 - LM3444MA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com