전자부품 데이터시트 검색엔진 |
|
SN74HC373PWE4 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74HC373PWE4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 23 page SN54HC373, SN74HC373 OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCLS140D − DECEMBER 1982 − REVISED AUGUST 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range (unless otherwise noted) VCC TA = 25°C SN54HC373 SN74HC373 UNIT VCC MIN MAX MIN MAX MIN MAX UNIT 2 V 80 120 100 tw Pulse duration, LE high 4.5 V 16 24 20 ns tw Pulse duration, LE high 6 V 14 20 17 ns 2 V 50 75 63 tsu Setup time, data before LE ↓ 4.5 V 10 15 13 ns tsu Setup time, data before LE ↓ 6 V 9 13 11 ns 2 V 20 26 24 th Hold time, data after LE ↓ 4.5 V 10 13 12 ns th Hold time, data after LE ↓ 6 V 10 13 12 ns switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC373 SN74HC373 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 58 150 225 190 D Q 4.5 V 15 30 45 38 tpd D Q 6 V 13 26 38 32 ns tpd 2 V 73 175 265 220 ns LE Any Q 4.5 V 18 35 53 44 LE Any Q 6 V 15 30 45 38 2 V 65 150 225 190 ten OE Any Q 4.5 V 17 30 45 38 ns ten OE Any Q 6 V 14 26 38 32 ns 2 V 50 150 225 190 tdis OE Any Q 4.5 V 15 30 45 38 ns tdis OE Any Q 6 V 13 26 38 32 ns 2 V 28 60 90 75 tt Any Q 4.5 V 8 12 18 15 ns tt Any Q 6 V 6 10 15 13 ns |
유사한 부품 번호 - SN74HC373PWE4 |
|
유사한 설명 - SN74HC373PWE4 |