전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM72238TDE-3.0 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SM72238TDE-3.0
상세설명  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM72238TDE-3.0 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SM72238TDE-3.0 Datasheet HTML 2Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 3Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 4Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 5Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 6Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 7Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 8Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 9Page - Texas Instruments SM72238TDE-3.0 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SM72238
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Quiescent Current
Quiescent Current
Figure 9.
Figure 10.
Quiescent Current
Short Circuit Current
Figure 11.
Figure 12.
Dropout Voltage
Line Transient Response
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72238


유사한 부품 번호 - SM72238TDE-3.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
SM72238TDE-3.0 NSC-SM72238TDE-3.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TDE-3.0/NOPB TI1-SM72238TDE-3.0/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

유사한 설명 - SM72238TDE-3.0

제조업체부품명데이터시트상세설명
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com