전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC157DRG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74HC157DRG4
상세설명  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HC157DRG4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74HC157DRG4 Datasheet HTML 1Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 2Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 3Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 4Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 5Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 6Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 7Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 8Page - Texas Instruments SN74HC157DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54HC157, SN74HC157
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS113D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC157
SN74HC157
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC157
SN74HC157
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
63
125
190
160
A or B
Y
4.5 V
13
25
38
32
A or B
Y
6 V
11
21
32
27
2 V
67
125
190
160
tpd
A/B
Y
4.5 V
18
25
38
31
ns
tpd
A/B
Y
6 V
14
21
32
27
ns
2 V
59
115
170
145
G
Y
4.5 V
16
23
34
29
G
Y
6 V
13
20
29
25
2 V
28
60
90
75
tt
Y
4.5 V
8
12
18
15
ns
tt
Y
6 V
6
10
15
13
ns


유사한 부품 번호 - SN74HC157DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC157DRG4 TI1-SN74HC157DRG4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

유사한 설명 - SN74HC157DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC153DG4 TI-SN74HC153DG4 Datasheet
1Mb / 21P
[Old version datasheet]   SUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
SN74S153J TI-SN74S153J Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS MULTIP LEXERS
logo
Unisonic Technologies
U74HC157 UTC-U74HC157_15 Datasheet
205Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS
logo
Texas Instruments
SN54LVC257A TI1-SN54LVC257A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Quadruple 2-Line to 1-Line Data Selectors
SN54157 TI1-SN54157_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com