전자부품 데이터시트 검색엔진 |
|
1N5227B 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
1N5227B 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 6 page 1N5221B to 1N5267B www.vishay.com Vishay Semiconductors Rev. 2.0, 06-May-13 3 Document Number: 85588 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) Fig. 1 - Thermal Resistance vs. Lead Length Fig. 2 - Typical Change of Working Voltage under Operating Conditions at Tamb= 25 °C Fig. 3 - Typical Change of Working Voltage vs. Junction Temperature Fig. 4 - Total Power Dissipation vs. Ambient Temperature Fig. 5 - Temperature Coefficient of VZ vs. Z-Voltage Fig. 6 - Diode Capacitance vs. Z-Voltage 95 9611 0 5 10 15 0 100 200 300 400 500 20 ll I - Lead Length (mm) T L = constant 10 15 20 1 10 100 1000 VZ - Z-Voltage (V) 25 95 9598 T j = 25 °C I Z = 5 mA 0 5 - 60 60 120 180 0.8 0.9 1.0 1.1 1.2 1.3 Tj - Junction Temperature (°C) 240 95 9599 0 V Ztn = VZt/VZ (25 °C) 0 TKVZ = 10 x 10 -4/K 8 x 10-4/K 2 x 10-4/K 6 x 10-4/K 4 x 10-4/K - 4 x 10-4/K - 2 x 10-4/K 0 120 160 0 100 300 400 500 600 T amb - Ambient Temperature (°C) 200 95 9602 200 80 40 - 5 0 5 10 15 VZ - Z-Voltage (V) 95 9600 I Z = 5 mA 0 10 203040 50 10 15 0 50 100 150 200 VZ - Z-Voltage (V) 25 95 9601 20 T j = 25 °C V R = 2 V 0 5 |
유사한 부품 번호 - 1N5227B |
|
유사한 설명 - 1N5227B |