전자부품 데이터시트 검색엔진 |
|
SN74ABT241APW 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74ABT241APW 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 20 page SN54ABT241, SN74ABT241A OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS184D – JANUARY 1991 – REVISED JANUARY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54ABT241 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH A Y 1 2.6 4.1 0.8 5.3 ns tPHL A Y 1 2.9 4.2 0.8 5 ns tPZH OE or OE Y 1.1 4.8 6.3 1 7 ns tPZL OE or OE Y 1.3 4.3 5.8 1 7 ns tPHZ OE or OE Y 1.1 4.6 6.1 0.8 7.9 ns tPLZ OE or OE Y 1 3.9 5.4 0.8 6.2 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN74ABT241A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH A Y 1 2.6 4.1 1 4.6 ns tPHL A Y 1 2.9 4.4 1 4.6 ns tPZH OE or OE Y 1.1 4.8 6.3 1.1 6.8 ns tPZL OE or OE Y 1.3 4.3 5.8 1.3 6.8 ns tPHZ OE or OE Y 1.6 4.6 6.1 1.6 7.1 ns tPLZ OE or OE Y 1 3.9 5.4 1 5.9 ns |
유사한 부품 번호 - SN74ABT241APW |
|
유사한 설명 - SN74ABT241APW |