전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX11SM 데이터시트(PDF) 1 Page - STATEK CORPORATION

부품명 CX11SM
상세설명  Ultra Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STATEK [STATEK CORPORATION]
홈페이지  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX11SM 데이터시트(HTML) 1 Page - STATEK CORPORATION

  CX11SM Datasheet HTML 1Page - STATEK CORPORATION CX11SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX11SM CRYSTAL
16 MHz to 250 MHz
Ultra Miniature
Surface Mount Quartz Crystal
glass lid
ceramic lid
DESCRIPTION
When miniaturization is paramount, Statek’s CX11SM
AT quartz crystal is an excellent choice. Available in fre-
quencies from 16 MHz to 250 MHz, this crystal has a
3.2 mm x 1.5 mm footprint and a height under 1.0 mm.
The resonator is manufactured using Statek’s photolith-
ographic and chemical milling processes and then sealed
within a ceramic package for high stability and low aging.
Available with tight calibration tolerances and high stabil-
ity over temperature, this crystal is well suited for many
demanding applications.
FEATURES
Ultra-miniature package
Ultra-low profile
Hermetically sealed package
Excellent aging characteristics
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Medical Telemetry
Cardiac Rhythm Management
Medical Telemetry
Cochlear Implants
Infusion Pumps
Military & Aerospace
Avionic Indicators and Instruments
Cockpit Instrumentation Displays
Data Communications
Survival radio
Industrial, Computer & Communications
Communications
Transmitters
Pulse Generators
Tracking Beacons
Wildlife Telemetry
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
THICKNESS (DIM C)
Lid
Termination
Typical
Maximum
inches
mm
inches
mm
SM1
0.030
0.77
0.035
0.90
SM2/SM4
0.031
0.79
0.036
0.92
SM3/SM5
0.033
0.84
0.038
0.97
SM1
0.029
0.74
0.034
0.87
SM2/SM4
0.030
0.77
0.035
0.89
SM3/SM5
0.032
0.81
0.037
0.94
SM1
0.025
0.64
0.030
0.77
SM2/SM4
0.026
0.66
0.031
0.79
SM3/SM5
0.028
0.71
0.033
0.84
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.127
3.20
0.135
3.43
B
0.060
1.50
0.068
1.73
C
-
-
see below
D
0.027
0.69
0.037
0.94
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
10179 Rev B


유사한 부품 번호 - CX11SM

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX11SM EUROQUARTZ-CX11SM Datasheet
117Kb / 1P
   Frequency Range 32.768kHz and 100kHz to 180kHz
CX11SM EUROQUARTZ-CX11SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
More results

유사한 설명 - CX11SM

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM_13 Datasheet
146Kb / 2P
   Ultra-Miniature Surface Mount AT Quartz Crystal
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com