전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB5N52K3 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STB5N52K3
상세설명  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5N52K3 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STB5N52K3 Datasheet HTML 2Page - STMicroelectronics STB5N52K3 Datasheet HTML 3Page - STMicroelectronics STB5N52K3 Datasheet HTML 4Page - STMicroelectronics STB5N52K3 Datasheet HTML 5Page - STMicroelectronics STB5N52K3 Datasheet HTML 6Page - STMicroelectronics STB5N52K3 Datasheet HTML 7Page - STMicroelectronics STB5N52K3 Datasheet HTML 8Page - STMicroelectronics STB5N52K3 Datasheet HTML 9Page - STMicroelectronics STB5N52K3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
6/23
Doc ID 16952 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area TO-220, D²PAK Figure 3.
Thermal impedance TO-220, D²PAK
Figure 4.
Safe operating area TO-220FP
Figure 5.
Thermal impedance TO-220FP
Figure 6.
Safe operating area DPAK, IPAK
Figure 7.
Thermal impedance DPAK, IPAK
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
0.01
Tj=150°C
Tc=25°C
Single pulse
AM08837v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
0.01
Tj=150°C
Tc=25°C
Single pulse
AM08838v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
0.01
Tj=150°C
Tc=25°C
Single pulse
AM08839v1


유사한 부품 번호 - STB5N52K3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STB5N52K3 ETC2-STB5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STB5N52K3 STMICROELECTRONICS-STB5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
More results

유사한 설명 - STB5N52K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD5N52U STMICROELECTRONICS-STD5N52U Datasheet
943Kb / 18P
   N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com