전자부품 데이터시트 검색엔진 |
|
74HC4351D-T 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
74HC4351D-T 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 17 page December 1990 8 Philips Semiconductors Product specification 8-channel analog multiplexer/demultiplexer with latch 74HC/HCT4351 AC CHARACTERISTICS FOR 74HC GND = 0 V; tr =tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) VEE (V) OTHER +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay Vis to Vos 14 5 4 4 60 12 10 8 75 15 13 10 90 18 15 12 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL = ∞; CL = 50 pF (see Fig.17) tPZH/ tPZL turn “ON” time E1 to Vos 85 31 25 28 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPZH/ tPZL turn “ON” time E2 to Vos 85 31 25 25 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPZH/ tPZL turn “ON” time LE to Vos 91 33 26 27 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPZH/ tPZL turn “ON” time Sn to Vos 88 32 26 25 300 60 51 50 375 75 64 63 450 90 77 75 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPHZ/ tPLZ turn “OFF” time E1 to Vos 69 25 20 20 250 50 43 40 315 63 54 50 375 75 64 60 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPHZ/ tPLZ turn “OFF” time E2 to Vos 72 26 21 19 250 50 43 40 315 63 54 50 375 75 64 60 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPHZ/ tPLZ turn “OFF” time LE to Vos 83 30 24 26 275 55 47 45 345 69 59 56 415 83 71 68 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) tPHZ/ tPLZ turn “OFF” time Sn to Vos 80 29 23 24 275 55 47 48 345 69 59 60 415 83 71 72 ns 2.0 4.5 6.0 4.5 0 0 0 −4.5 RL =1 kΩ; CL = 50 pF (see Fig.18) |
유사한 부품 번호 - 74HC4351D-T |
|
유사한 설명 - 74HC4351D-T |