전자부품 데이터시트 검색엔진 |
|
STU2N62K3 데이터시트(PDF) 5 Page - STMicroelectronics |
|
STU2N62K3 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 25 page STB/D/F/P/U2N62K3 Electrical characteristics Doc ID 018898 Rev 2 5/25 The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage of external components. Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr td(off) tf Turn-on delay time Rise time Turn-off-delay time Fall time VDD = 310 V, ID = 1.1 A, RG = 4.7 Ω, VGS = 10 V (see Figure 19) - 8 4.4 21 22 - ns ns ns ns Table 7. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD ISDM (1) 1. Pulse width limited by safe operating area Source-drain current Source-drain current (pulsed) - 2.2 8.8 A A VSD (2) 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5% Forward on voltage ISD = 2.2 A, VGS = 0 - 1.6 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 2.2 A, di/dt = 100 A/µs VDD = 60 V (see Figure 24) - 200 900 9 ns nC A trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 2.2 A, di/dt = 100 A/µs VDD = 60 V, Tj = 150 °C (see Figure 24) - 240 1150 10 ns nC A Table 8. Gate-source Zener diode Symbol Parameter Test conditions Min. Typ. Max. Unit BVGSO Gate-source breakdown voltage Igs=± 1 mA (open drain) 30 V |
유사한 부품 번호 - STU2N62K3 |
|
유사한 설명 - STU2N62K3 |