전자부품 데이터시트 검색엔진 |
|
AM29LV800BB80WBEB 데이터시트(PDF) 10 Page - Advanced Micro Devices |
|
AM29LV800BB80WBEB 데이터시트(HTML) 10 Page - Advanced Micro Devices |
10 / 42 page 10 Am29LV800B P R E L I M I NARY Refer to the AC Characteristics tables for RESET# pa- rameters and to Figure 14 for the timing diagram. Output Disable Mode When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high imped- ance state. Table 2. Am29LV800BT Top Boot Block Sector Address Table Sector A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) (x8) Address Range (x16) Address Range SA0 0000 X X X 64/32 00000h–0FFFFh 00000h–07FFFh SA1 0001 X X X 64/32 10000h–1FFFFh 08000h–0FFFFh SA2 0010 X X X 64/32 20000h–2FFFFh 10000h–17FFFh SA3 0011 X X X 64/32 30000h–3FFFFh 18000h–1FFFFh SA4 0100 X X X 64/32 40000h–4FFFFh 20000h–27FFFh SA5 0101 X X X 64/32 50000h–5FFFFh 28000h–2FFFFh SA6 0110 X X X 64/32 60000h–6FFFFh 30000h–37FFFh SA7 0111 X X X 64/32 70000h–7FFFFh 38000h–3FFFFh SA8 1000 X X X 64/32 80000h–8FFFFh 40000h–47FFFh SA9 1001 X X X 64/32 90000h–9FFFFh 48000h–4FFFFh SA10 1010 X X X 64/32 A0000h–AFFFFh 50000h–57FFFh SA11 1011 X X X 64/32 B0000h–BFFFFh 58000h–5FFFFh SA12 1100 X X X 64/32 C0000h–CFFFFh 60000h–67FFFh SA13 1101 X X X 64/32 D0000h–DFFFFh 68000h–6FFFFh SA14 1110 X X X 64/32 E0000h–EFFFFh 70000h–77FFFh SA15 1111 0 X X 32/16 F0000h–F7FFFh 78000h–7BFFFh SA16 1111 100 8/4 F8000h–F9FFFh 7C000h–7CFFFh SA17 1111 101 8/4 FA000h–FBFFFh 7D000h–7DFFFh SA18 1111 11 X 16/8 FC000h–FFFFFh 7E000h–7FFFFh |
유사한 부품 번호 - AM29LV800BB80WBEB |
|
유사한 설명 - AM29LV800BB80WBEB |