전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5051ATD-T 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA5051ATD-T
상세설명  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA5051ATD-T 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA5051ATD-T Datasheet HTML 4Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 5Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 6Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 7Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 8Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 9Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 10Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 11Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
8 of 29
NXP Semiconductors
TDA5051A
Home automation modem
OSC1 input and OSC2 output (OSC2 only used for driving external quartz crystal; must be left open-circuit when
using an external clock generator)
VIH
HIGH-level input voltage
0.7VDD
-VDD +0.5
V
VIL
LOW-level input voltage
−0.5
-
0.2VDD − 0.1
V
VOH
HIGH-level output voltage
IOH = −1.6 mA
2.4
-
-
V
VOL
LOW-level output voltage
IOL = 1.6 mA
-
-
0.45
V
Clock
fosc
oscillator frequency
6.080
-
9.504
MHz
fosc/fcr
ratio between oscillator and
carrier frequency
-64
-
fosc/fCLKOUT
ratio between oscillator and
clock output frequency
-2
-
Transmission mode
fcr
carrier frequency
fosc =8.48MHz
[2] -
132.5
-
kHz
tsu
set-up time of the shaped
burst
fosc = 8.48 MHz;
see Figure 8
-
170
-
μs
th
hold time of the shaped
burst
fosc = 8.48 MHz;
see Figure 8
-
170
-
μs
tW(DI)(min)
minimum pulse width of
DATA_IN signal
fosc = 8.48 MHz;
see Figure 8
-
190
-
μs
Vo(rms)
output carrier signal
(RMS value)
DATA_IN = LOW;
ZL = CISPR16
120
-
122
dB
μV
Io(max)
power amplifier maximum
output current (peak value)
DATA_IN = LOW;
ZL =1 Ω
-
160
-
mA
Zo
output impedance of the
power amplifier
-5
-
Ω
VO
output DC level at
pin TX_OUT
-2.5
-V
THD
total harmonic distortion on
CISPR16 load with the
coupling network (measured
on the first ten harmonics)
Vo(rms) = 121 dBμV on
CISPR16 load;
fosc = 8.48 MHz;
DATA_IN =LOW
(no modulation);
see Figure 3 and
Figure 22
-
−55
-
dB
B−20dB
bandwidth of the shaped
output signal (at
−20 dB)
on CISPR16 load with the
coupling network
Vo(rms) = 121 dBμV on
CISPR16 load;
fosc = 8.48 MHz;
DATA_IN = 300 Hz;
duty factor = 50 %;
see Figure 4
-
3000
-
Hz
Table 5.
Characteristics …continued
VDDD =VDDA =5V ± 5%; Tamb = 40 °C to +85 °C; VDDD connected to VDDA; DGND connected to AGND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - TDA5051ATD-T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5051AT PHILIPS-TDA5051AT Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT NXP-TDA5051AT Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
More results

유사한 설명 - TDA5051ATD-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
   Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
   Battery Home Automation Cameras
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com