전자부품 데이터시트 검색엔진 |
|
AD7631BCPZRL 데이터시트(PDF) 8 Page - Analog Devices |
|
AD7631BCPZRL 데이터시트(HTML) 8 Page - Analog Devices |
8 / 32 page AD7631 Rev. A | Page 8 of 32 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AGND AVDD MODE0 MODE1 D0/OB/2C D1/A0 D3 D4/DIVSCLK[0] D5/DIVSCLK[1] OGND OGND BIPOLAR CNVST PD RESET CS RD TEN BUSY D17/SCCS D16/SCCLK D15/SCIN D14/HW/SW 48 47 46 45 44 43 42 41 40 39 38 37 35 34 33 30 31 32 36 29 28 27 25 26 2 3 4 7 6 5 1 8 9 10 12 11 13 14 15 16 17 18 19 20 21 22 23 24 PIN 1 AD7631 TOP VIEW (Not to Scale) D2/A1 NOTES 1. FOR THE LEAD FRAME CHIP SCALE PACKAGE (LFCSP), THE EXPOSED PAD SHOULD BE CONNECTED TO VEE. THIS CONNECTION IS NOT REQUIRED TO MEET THE ELECTRICAL PERFORMANCES. Figure 4. Pin Configuration Table 6. Pin Function Descriptions Pin No. Mnemonic Type1 Description 1, 42 AGND P Analog Power Ground Pins. Ground reference point for all analog I/O. All analog I/O should be referenced to AGND and should be connected to the analog ground plane of the system. In addition, the AGND, DGND, and OGND voltages should be at the same potential. 2, 44 AVDD P Analog Power Pins. Nominally 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors. 3, 4 MODE[0:1] DI Data Input/Output Interface Mode Selection. Interface Mode MODE1 MODE0 Description 0 Low Low 18-bit interface 1 Low High 16-bit interface 2 High Low 8-bit (byte) interface 3 High High Serial interface 5 D0/OB/2C DI/O2 In 18-bit parallel mode, this output is used as Bit 0 of the parallel port data output bus, and the data coding is straight binary. In all other modes, this pin allows the choice of straight binary or twos complement. When OB/2C = high, the digital output is straight binary. When OB/2C = low, the MSB is inverted resulting in a twos complement output from its internal shift register. 6, 7, 17 OGND P Input/Output Interface Digital Power Ground. Ground reference point for digital outputs. Should be connected to the system digital ground ideally at the same potential as AGND and DGND. 8 D1/A0 DI/O When MODE[1:0] = 0, this pin is Bit 1 of the parallel port data output bus. In all other modes, this input pin controls the form in which data is output as shown in Table 7. 9 D2/A1 DI/O When MODE[1:0] = 0, this pin is Bit 2 of the parallel port data output bus. When MODE[1:0] = 1 or 2, this input pin controls the form in which data is output as shown in Table 7. 10 D3 DO When MODE[1:0] = 0, 1, or 2, this output is used as Bit 3 of the parallel port data output bus. This pin is always an output, regardless of the interface mode. |
유사한 부품 번호 - AD7631BCPZRL |
|
유사한 설명 - AD7631BCPZRL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |