전자부품 데이터시트 검색엔진 |
|
CD2450W3VRH 데이터시트(PDF) 2 Page - Crydom Inc., |
|
CD2450W3VRH 데이터시트(HTML) 2 Page - Crydom Inc., |
2 / 6 page INPUT SPECIFICATIONS (1) Description CxxxDxxx CxxxExxx CxxxWxxx Control Voltage Range 4-15 VDC 15-32 VDC 4-32 VDC Minimum Turn-On Voltage 4 VDC 15 VDC 4 VDC Minimum Turn-Off Voltage 1 .0 VDC 1 .0 VDC 1 .0 VDC Typical Input Current 16 mA @ 5 VDC 18 mA @ 24 VDC 10 mA @ 12 VDC Nominal Input Impedance 300 Ohm 1500 Ohm See Note 5 Maximum Turn-On Time [msec] (4) 1/2 Cycle 1/2 Cycle 1/2 Cycle Maximum Turn-Off Time [msec] 1/2 Cycle 1/2 Cycle 1/2 Cycle GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output (50/60Hz) 4000 Vrms Dielectric Strength, Input/Output/Base (50/60Hz) 2500 Vrms Minimum Insulation Resistance (@ 500 V DC) 109 Ohm Maximum Capacitance, Input/Output 10 pF Ambient Operating Temperature Range -40 to 80 °C Ambient Storage Temperature Range -40 to 125 °C Weight (typical) 3.0 oz (86.5 g) Terminals Screw Type Output: 8-32 Max. Torque Output: 20 in lb (2.2Nm) Max. Wire Size Output:2 x AWG 8 (3.8mm) GENERAL NOTES 1) All parameters at 25°C and per section unless otherwise specified. 2) Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, see derating curves. 4) Turn-on time for random turn-on (R) versions is 0.1 msec. 5) Input circuit incorporates active current limitation WIRING DIAGRAM |
유사한 부품 번호 - CD2450W3VRH |
|
유사한 설명 - CD2450W3VRH |