전자부품 데이터시트 검색엔진 |
|
TLC1078CPE4 데이터시트(PDF) 10 Page - Texas Instruments |
|
TLC1078CPE4 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 36 page TLC1078, TLC1078Y, TLC1079, TLC1079Y LinCMOS µPOWER PRECISION OPERATIONAL AMPLIFIERS SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature † TLC1078I PARAMETER TEST CONDITIONS TA† VDD = 5 V VDD = 10 V UNIT CONDITIONS A MIN TYP MAX MIN TYP MAX VIO Input offset voltage V1 4 V 25 °C 160 450 180 600 µV VIO Input offset voltage VO = 1.4 V, RS =50 Ω Full range 950 1100 µV αVIO Temperature coefficient of input offset voltage RS = 50 Ω, VIC = 0, RI = 1 MΩ 25 °C to 85°C 1.1 1 µV/°C IIO Input offset current 25 °C 0.1 60 0.1 60 pA IIO In ut offset current (see Note 4) VO = VDD / 2, 85 °C 24 1000 26 1000 pA IIB Input bias current (see Note 4) ODD , VIC = VDD / 2 25 °C 0.6 60 0.7 60 pA IIB Input bias current (see Note 4) 85 °C 200 2000 220 2000 pA VICR Common-mode input voltage 25 °C – 0.2 to 4 – 0.3 to 4.2 – 0.2 to 9 – 0.3 to 9.2 V VICR g range (see Note 5) Full range – 0.2 to 3.5 – 0.2 to 8.5 V V 100 V 25 °C 3.2 4.1 8.2 8.9 VOH High-level output voltage VID = 100 mV, RL =1MΩ – 40 °C 3.2 4.1 8.2 8.9 V RL = 1 MΩ 85 °C 3.2 4.2 8.2 8.9 V 100 V 25 °C 0 25 0 25 VOL Low-level output voltage VID = –100 mV, IOL =0 – 40 °C 0 25 0 25 mV IOL = 0 85 °C 0 25 0 25 L i l diff ti l lt R1 M Ω 25 °C 250 525 500 850 AVD Large-signal differential voltage amplification RL = 1 MΩ, See Note 6 – 40 °C 250 900 500 1550 V/mV am lification See Note 6 85 °C 150 300 250 585 25 °C 70 95 75 97 CMRR Common-mode rejection ratio VIC = VICRmin – 40 °C 70 95 75 97 dB 85 °C 70 95 75 97 S l lt j ti ti 25 °C 75 98 75 98 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VO = 1.4 V – 40 °C 75 98 75 98 dB ( ∆VDD/∆VIO) 85 °C 75 98 75 98 VO = VDD / 2, 25 °C 20 34 29 46 IDD Supply current (two amplifiers) VO VDD / 2, VIC = VDD / 2, Nl d – 40 °C 31 54 50 86 µA No load 85 °C 15 26 20 36 † Full range is – 40 °C to 80°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. 6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V. |
유사한 부품 번호 - TLC1078CPE4 |
|
유사한 설명 - TLC1078CPE4 |