전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7726QD 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TL7726QD
상세설명  HEX CLAMPING CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7726QD 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL7726QD Datasheet HTML 2Page - Texas Instruments TL7726QD Datasheet HTML 3Page - Texas Instruments TL7726QD Datasheet HTML 4Page - Texas Instruments TL7726QD Datasheet HTML 5Page - Texas Instruments TL7726QD Datasheet HTML 6Page - Texas Instruments TL7726QD Datasheet HTML 7Page - Texas Instruments TL7726QD Datasheet HTML 8Page - Texas Instruments TL7726QD Datasheet HTML 9Page - Texas Instruments TL7726QD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jan-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
TL7726QDG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
7726Q
TL7726QDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 125
7726Q
TL7726QDRG4
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
7726Q
TL7726QP
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
-40 to 125
TL7726QP
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


유사한 부품 번호 - TL7726QD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7726QD TI-TL7726QD Datasheet
64Kb / 5P
[Old version datasheet]   HEX CLAMPING CIRCUITS
TL7726QD TI-TL7726QD Datasheet
771Kb / 12P
[Old version datasheet]   HEX CLAMPING CIRCUITS
TL7726QDG4 TI-TL7726QDG4 Datasheet
771Kb / 12P
[Old version datasheet]   HEX CLAMPING CIRCUITS
TL7726QDR TI-TL7726QDR Datasheet
771Kb / 12P
[Old version datasheet]   HEX CLAMPING CIRCUITS
TL7726QDRG4 TI-TL7726QDRG4 Datasheet
771Kb / 12P
[Old version datasheet]   HEX CLAMPING CIRCUITS
More results

유사한 설명 - TL7726QD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7726 TI-TL7726 Datasheet
64Kb / 5P
[Old version datasheet]   HEX CLAMPING CIRCUITS
TL7726CDR TI-TL7726CDR Datasheet
771Kb / 12P
[Old version datasheet]   HEX CLAMPING CIRCUITS
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
   CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
   Clamping module
12/7/22
184857 FESTO-184857 Datasheet
93Kb / 1P
   Clamping module
12/7/22
2428478 FESTO-2428478 Datasheet
74Kb / 1P
   Clamping sleeve
1354098 FESTO-1354098 Datasheet
68Kb / 1P
   Clamping sleeve
150685 FESTO-150685 Datasheet
92Kb / 1P
   Clamping module
12/7/22
2428480 FESTO-2428480 Datasheet
75Kb / 1P
   Clamping sleeve
2429533 FESTO-2429533 Datasheet
74Kb / 1P
   Clamping sleeve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com